Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XMMA2000W Datasheet(PDF) 6 Page - Motorola, Inc

Part # XMMA2000W
Description  MICROMACHINED ACCELEROMETER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

XMMA2000W Datasheet(HTML) 6 Page - Motorola, Inc

  XMMA2000W Datasheet HTML 1Page - Motorola, Inc XMMA2000W Datasheet HTML 2Page - Motorola, Inc XMMA2000W Datasheet HTML 3Page - Motorola, Inc XMMA2000W Datasheet HTML 4Page - Motorola, Inc XMMA2000W Datasheet HTML 5Page - Motorola, Inc XMMA2000W Datasheet HTML 6Page - Motorola, Inc XMMA2000W Datasheet HTML 7Page - Motorola, Inc XMMA2000W Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
XMMA1000P XMMA2000W
6
Motorola Sensor Device Data
BASIC CONNECTIONS
Circuit Schematic
Figure 3 shows the recommended connection diagram for
operating the accelerometer. Figure 3 (a) shows the 16 pin
DIP package version, the XMMA1000P, while (b) shows the
6 pin Wingback package version, the XMMA2000W. For the
XMMA1000P, pins 1, 2, 3, 6, 14, 15, and 16 have no internal
connections, and pins 9 through 13 are used for calibration
and trimming in the factory. These pins should all be con-
nected to VSS, except pin 11 which must be connected to
VDD. For the XMMA2000W, pins 1 and 4, and the wings
(supporting pins) should be connected to VSS.
XMMA1000P
ST
VDD
TRIM 3
VSS
VOUT
OUTPUT
SIGNAL
R1
1 k
Ω
5
C2
0.01
µF
4
8
11
7
LOGIC
INPUT
VDD
C1
0.1
µF
(a)
XMMA2000W
ST
VDD
VSS
VOUT
OUTPUT
SIGNAL
R1
1 k
Ω
3
C2
0.01
µF
2
6
5
LOGIC
INPUT
VDD
C1
0.1
µF
(b)
Figure 3. Accelerometers with Recommended
Connection Diagram
PCB Layout
P0
A/D IN
VRH
VSS
VDD
ST
VOUT
VSS
VDD
0.01
µF
C
1 k
Ω
0.1
µF
C 0.1
µF
POWER SUPPLY
C
R
C
0.1
µF
NOTES:
• Use a .1 µF capacitor on VDD to decouple the power source.
• Physical coupling distance of the accelerometer to the
microcontroller should be minimal.
• Place a ground plane beneath the accelerometer to reduce
noise, the ground plane should be attached to all of the
open ended terminals shown above.
• Use independent supply traces for the A/D reference
(microcontroller) and the accelerometer.
• Use an RC filter of 1 kΩ and 0.01 µF on the output of the
accelerometer to minimize induced errors.
• PCB layout of power and ground should not couple power
supply noise.
• Accelerometer and microcontroller should not be a high
current path.
• For ratiometricity purposes the accelerometer VDD and mi-
crocontroller A/D reference pin should be on the same
trace.
• A/D sampling rate and any external power supply switching
frequency should be selected such that they do not inter-
fere with the internal accelerometer sampling frequency.
This will prevent aliasing errors.
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com