Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XMMA2000W Datasheet(PDF) 1 Page - Motorola, Inc

Part # XMMA2000W
Description  MICROMACHINED ACCELEROMETER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

XMMA2000W Datasheet(HTML) 1 Page - Motorola, Inc

  XMMA2000W Datasheet HTML 1Page - Motorola, Inc XMMA2000W Datasheet HTML 2Page - Motorola, Inc XMMA2000W Datasheet HTML 3Page - Motorola, Inc XMMA2000W Datasheet HTML 4Page - Motorola, Inc XMMA2000W Datasheet HTML 5Page - Motorola, Inc XMMA2000W Datasheet HTML 6Page - Motorola, Inc XMMA2000W Datasheet HTML 7Page - Motorola, Inc XMMA2000W Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Sensor Device Data
Micromachined Accelerometer
The XMMA series of silicon capacitive, micromachined accelerometers
features; signal conditioning, a 4–pole low pass filter and temperature
compensation. Zero–g offset full scale span and filter cut–off are factory set and
require no external devices. A full system self–test capability verifies system
functionality.
The XMMA series of accelerometers is suitable for automotive crash
detection and recording, vibration monitoring, automotive suspension control,
appliance control systems, etc.
Features
• Minimum Full Scale Measurement ±44g
• Calibrated, Self–Test
• Integral Signal Conditioning and 4–Pole Filter
• Linear Output
• Robust, High Shock Survivability
• Ratiometric
• G–Cell, Hermetically Sealed at Wafer Level
• Two Packaging Options Available:
1) Plastic DIP for Z Axis Sensing (XMMA1000P)
2) Wingback for X Axis Sensing (XMMA2000W)
Typical Applications
• Automotive Crash Detection and Recording
• Automotive Suspension Control
• Vibration Monitoring and Recording
• Appliance Control
• Mechanical Bearing Monitoring
• Computer Hard Drive Protection
• Computer Mouse and Joysticks
• Virtual Reality Input Devices
• Sports Diagnostic Devices and Systems
SIMPLIFIED ACCELEROMETER FUNCTIONAL BLOCK DIAGRAM
G–CELL
SENSOR
INTEGRATOR
GAIN
FILTER
TEMP
COMP
SELF–TEST
CONTROL LOGIC &
EPROM TRIM CIRCUITS
CLOCK GEN.
OSCILLATOR
VDD
VOUT
VSS
VST
Senseon is a trademark of Motorola, Inc.
Replaces MMA1000P/D
Order this document
by XMMA1000P/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
XMMA1000P
XMMA2000W
DIP PACKAGE
CASE 648C–03
XMMA1000P
XMMA1000: Z AXIS SENSITIVITY
XMMA2000: X AXIS SENSITIVITY
MICROMACHINED
ACCELEROMETER
±50g
1
2 3
4 5
6 7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
WB PACKAGE
CASE 456–03
XMMA2000W
© Motorola, Inc. 1997


Similar Part No. - XMMA2000W

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
XMMAS250G MOTOROLA-XMMAS250G Datasheet
139Kb / 4P
MICROMACHINED ACCELEROMETER 짹250g AMPLIFIED
XMMAS250G10D MOTOROLA-XMMAS250G10D Datasheet
139Kb / 4P
MICROMACHINED ACCELEROMETER 짹250g AMPLIFIED
XMMAS250G10D MOTOROLA-XMMAS250G10D Datasheet
139Kb / 4P
MICROMACHINED ACCELEROMETER 짹250g AMPLIFIED
XMMAS250G10S MOTOROLA-XMMAS250G10S Datasheet
139Kb / 4P
MICROMACHINED ACCELEROMETER 짹250g AMPLIFIED
XMMAS250G10S MOTOROLA-XMMAS250G10S Datasheet
139Kb / 4P
MICROMACHINED ACCELEROMETER 짹250g AMPLIFIED
More results

Similar Description - XMMA2000W

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMAS40G10D MOTOROLA-MMAS40G10D Datasheet
75Kb / 4P
MICROMACHINED ACCELEROMETER 짹40g
MMA1201P MOTOROLA-MMA1201P Datasheet
267Kb / 8P
MICROMACHINED ACCELEROMETER
MMA1220D MOTOROLA-MMA1220D Datasheet
156Kb / 8P
Low G Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA1210 FREESCALE-MMA1210 Datasheet
287Kb / 10P
Surface Mount Micromachined Accelerometer
MMA1211 FREESCALE-MMA1211 Datasheet
288Kb / 10P
Surface Mount Micromachined Accelerometer
logo
NXP Semiconductors
MMA1201P NXP-MMA1201P Datasheet
328Kb / 8P
Micromachined Accelerometer
REV 0
MMA2201KEG NXP-MMA2201KEG Datasheet
176Kb / 11P
Low-g Micromachined Accelerometer
Rev 1, 08/2012
MMA2301KEG NXP-MMA2301KEG Datasheet
166Kb / 11P
Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
MMA3202KEG NXP-MMA3202KEG Datasheet
181Kb / 11P
Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
MMA1211KEG NXP-MMA1211KEG Datasheet
180Kb / 10P
Surface Mount Micromachined Accelerometer
Rev 0, 08/2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com