Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XMMA2000W Datasheet(PDF) 3 Page - Motorola, Inc

Part # XMMA2000W
Description  MICROMACHINED ACCELEROMETER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

XMMA2000W Datasheet(HTML) 3 Page - Motorola, Inc

  XMMA2000W Datasheet HTML 1Page - Motorola, Inc XMMA2000W Datasheet HTML 2Page - Motorola, Inc XMMA2000W Datasheet HTML 3Page - Motorola, Inc XMMA2000W Datasheet HTML 4Page - Motorola, Inc XMMA2000W Datasheet HTML 5Page - Motorola, Inc XMMA2000W Datasheet HTML 6Page - Motorola, Inc XMMA2000W Datasheet HTML 7Page - Motorola, Inc XMMA2000W Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
XMMA1000P XMMA2000W
3
Motorola Sensor Device Data
OPERATING CHARACTERISTICS
(Unless otherwise noted: –40
° v TA v +85°, 4.75 v VDD v 5.25, Acceleration = 0g, Loaded output(1))
Characteristic
Symbol
Min
Typ
Max
Unit
Sensitivity (TA = 25°C, VDD = 5.0 V)(2)
∆S
37.2
40
42.8
mV/g
Sensitivity(2)
∆S
7.36
8.0
8.64
mV/V/g
Zero Accel Output(3) (VDD = 5.0 V)
VOFF
2.2
2.5
2.8
V
Zero Accel Output
VOFF
0.44 VDD
0.5 VDD
0.56 VDD
V
Acceleration Range(4)
G
44
50
—
g
Noise (10 Hz to 400 Hz)(5)
VN
—
—
3.5
mVrms
Clock Noise(6)
VNC
—
2.0
—
mVpk
Filter Cut Off Frequency
F*3dB
360
400
440
Hz
Self–Test Output Response
GST
20
25
30
g
Self–Test Input Low
VIL
—
—
1.4
V
Self–Test Input High
VIH
3.7
—
—
V
Self–Test Input Loading(7)
IIN
30
60
120
µA
Self–Test Response Time(8)
tST
—
2.0
—
ms
Electrical Saturation Recovery Time(9)
—
—
0.2
—
ms
Full Scale Output Range (IOUT = 200 µA)
VFSO
0.3
—
VDD *0.3
V
Capacitive Load Drive(10)
CL
—
—
100
pF
Output Impedance
ZO
—
300
—
Ω
Nonlinearity
—
—
1.0
—
% FSO
Alignment Error
—
—
"3.0
—
degrees
Transverse Sensitivity(11)
—
—
3.0
—
% FSO
Package Resonance (DIP/WB)
—
—
10/5
—
kHz
NOTES:
1. For a loaded output the measurements are observed after an RC filter consisting of a 1 k
Ω resistor and a 0.01 µF capacitor to ground.
2. The device is calibrated at 20g.
3. The device can measure both + and
* acceleration. With no input acceleration the output is at midsupply. For positive acceleration the output
will increase above VDD/2 and for negative acceleration the output will decrease below VDD/2.
4. Refer to the Principle of Operation section for a sample g range calculation.
5. Refer to the Principle of Operation section for a sample rms to peak to peak calculation.
6. At clock frequency
^ 65 kHz.
7. The digital input pin has an internal pull–down current source to prevent inadvertent self test initiation due to external board level leakages.
8. Time for the output to reach 90% of its final value after a self–test is initiated.
9. Time for amplifiers to recover after an acceleration signal causing them to saturate.
10. Preserves phase margin (60
°) to guarantee output amplifier stability.
11. A measure of the devices ability to reject an acceleration applied 90
° from the true axis of sensitivity.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com