Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF2N30ZL-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF2N30ZL-AA3-R
Description  2A, 300V N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF2N30ZL-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UF2N30ZL-AA3-R Datasheet HTML 1Page - Unisonic Technologies UF2N30ZL-AA3-R Datasheet HTML 2Page - Unisonic Technologies UF2N30ZL-AA3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF2N30Z
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-761.B
2A, 300V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UF2N30Z is an N-channel enhancement mode Power
MOSFET using UTC’ s advanced technology to provide customers with a
minimum on-state resistance, low gate charge and superior switching
performance.
FEATURES
* RDS(ON)<2
Ω @ VGS=10V, ID=2A
* High switching speed
* Typically 3.2nC low gate charge
* 100% avalanche tested
SYMBOL
1.Gate
2.Drain
3.Source
SOT-223
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UF2N30ZL-AA3-R
UF2N30ZG-AA3-R
SOT-223
G
D
S
Tape Reel
Note:
Pin Assignment: G: Gate
D: Drain
S: Source
UF2N30ZL-AA3-R
(1)Packing Type
(2)Package Type
(3)Lead Free
(1) R: Tape Reel
(2) AA3: SOT-223
(3) L: Lead Free, G: Halogen Free


Similar Part No. - UF2N30ZL-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF2N30ZL-TM3-T UTC-UF2N30ZL-TM3-T Datasheet
208Kb / 3P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF2N30ZL-TMS-T UTC-UF2N30ZL-TMS-T Datasheet
208Kb / 3P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF2N30ZL-TN3-T UTC-UF2N30ZL-TN3-T Datasheet
208Kb / 3P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results

Similar Description - UF2N30ZL-AA3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
300V N-Channel MOSFET
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
300V N-Channel MOSFET
logo
Unisonic Technologies
10N30 UTC-10N30 Datasheet
156Kb / 4P
10A, 300V N-CHANNEL POWER MOSFET
UF3N30 UTC-UF3N30 Datasheet
134Kb / 3P
3A, 300V N-CHANNEL POWER MOSFET
4N30 UTC-4N30 Datasheet
180Kb / 3P
4A, 300V N-CHANNEL POWER MOSFET
4N30Z UTC-4N30Z Datasheet
180Kb / 3P
4A, 300V N-CHANNEL POWER MOSFET
12N30 UTC-12N30 Datasheet
164Kb / 5P
12A, 300V N-CHANNEL POWER MOSFET
UF3N30Z UTC-UF3N30Z Datasheet
148Kb / 3P
3A, 300V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com