Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US5V330L-R16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US5V330L-R16-R
Description  WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX WITH LOW ON-RESISTANCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US5V330L-R16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US5V330L-R16-R Datasheet HTML 1Page - Unisonic Technologies US5V330L-R16-R Datasheet HTML 2Page - Unisonic Technologies US5V330L-R16-R Datasheet HTML 3Page - Unisonic Technologies US5V330L-R16-R Datasheet HTML 4Page - Unisonic Technologies US5V330L-R16-R Datasheet HTML 5Page - Unisonic Technologies US5V330L-R16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US5V330
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-908.a
WIDEBAND/VIDEO QUAD
2-CHANNEL MUX/DEMUX
WITH LOW ON-RESISTANCE
DESCRIPTION
The UTC’s US5V330 video switch is a 4bit 2-channel
multiplexer/demultiplexer with a single switch-enable input. Low
differential gain and phase make switch ideal for both RGB and
composite video switching applications.
Low On-Resistance and wide bandwidth make it ideal for video
and other applications. UTC’s US5V330 can replac the
U74HC4053 multiplier and buffer/ amplifier.
FEATURES
* Single supply operation: +5.0V
* Low Power Consumption (0.1µA typical)
* Wide bandwidth: 360 MHz (typical)
* Low On-Resistance: 5Ω (typical)
* Low crosstalk at 10 MHz: -48 db
* Control Inputs Can Be Driven by TTL or 5-V/3.3-V CMOS Outputs
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
US5V330L-R16-R
US5V330G-R16-R
SSOP-16
Tape Reel
US5V330L-R16-T
US5V330G-R16-T
SSOP-16
Tube
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - US5V330L-R16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US5V330L-R16-R UTC-US5V330L-R16-R Datasheet
170Kb / 6P
WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX
More results

Similar Description - US5V330L-R16-R

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Princeton Technology Co...
PT2328 PTC-PT2328 Datasheet
460Kb / 23P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328 PTC-PT2328_10 Datasheet
460Kb / 23P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Pericom Semiconductor C...
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Unisonic Technologies
US5V330 UTC-US5V330_15 Datasheet
170Kb / 6P
WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330_13 Datasheet
863Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Diodes Incorporated
PI5V330S DIODES-PI5V330S Datasheet
789Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
12/12/12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com