Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU642G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UU642G-S08-R
Description  INTERVAL AND WIPE/WASH WIPER CONTROL IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU642G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UU642G-S08-R Datasheet HTML 1Page - Unisonic Technologies UU642G-S08-R Datasheet HTML 2Page - Unisonic Technologies UU642G-S08-R Datasheet HTML 3Page - Unisonic Technologies UU642G-S08-R Datasheet HTML 4Page - Unisonic Technologies UU642G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UU642
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R121-022.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage t=60s, Terminal 15
VBatt
28
V
Supply Current
t=2ms
I8
1.5
A
t=200ms
150
mA
Relay Control Output Current (DC)
I7
200
mA
Relay Control Output Current (DC)
t=200ms
1.2
A
Pulse Current (Control Inputs) t=200ms
Park Switch, S1
I6
50
mA
Wipe/Wash Switch, S3
I5
50
mA
Interval Switch, S2
I2
50
mA
Power Dissipation TAMB=90°C
PD
500
mW
Ambient Temperature Range
TA
-40~+85
°C
Storage Temperature Range
TSTG
-55~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCE
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
DIP-8
θJA
120
K/W
SOP-8
160
K/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com