Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU642G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UU642G-S08-R
Description  INTERVAL AND WIPE/WASH WIPER CONTROL IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU642G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UU642G-S08-R Datasheet HTML 1Page - Unisonic Technologies UU642G-S08-R Datasheet HTML 2Page - Unisonic Technologies UU642G-S08-R Datasheet HTML 3Page - Unisonic Technologies UU642G-S08-R Datasheet HTML 4Page - Unisonic Technologies UU642G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UU642
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R121-022.a
INTERVAL AND WIPE/WASH
WIPER CONTROL IC
DESCRIPTION
The bipolar integrated circuit UTC UU642 is designed as a
wiper for automotive application. It includes wipe, wash and
internal mode.
The UTC UU642 is a cost-effective solution for an accurate
timing function control. Wipe/wash mode has priority over interval
mode. Interval pause and after-wiping time can be set to fixed
values by using resistors in a broad time range. Added value can
be provided with an individual, continuous adjustment of the
interval pause by a potentiometer which may be built into the
stalk. For proper operation, it is mandatory to feed the signal of
the wiper motor’s park switch into UTC UU642.
FEATURES
* After-wiping time: 2s~20s
* Interval pause: 4s~20s
* Wipe/wash mode priority
* Wiper motor’s park switch
* Relay driver with Z-diode
* One external capacitor determines all time sequences
* Interference protection according to VDE 0839 or ISO/TR 637/1
* Load-dump protected
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UU642L-D08-T
UU642G-D08-T
DIP-8
Tube
UU642L-S08-T
UU642G-S08-T
SOP-8
Tube
UU642L-S08-R
UU642G-S08-R
SOP-8
Tape Reel


Similar Part No. - UU642G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU642G-S08-R UTC-UU642G-S08-R Datasheet
221Kb / 6P
INTERVAL AND WIPE/WASH WIPER CONTROL IC
More results

Similar Description - UU642G-S08-R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U642B ATMEL-U642B Datasheet
53Kb / 7P
Interval- and Wipe/ Wash Wiper Control IC
U641B ATMEL-U641B Datasheet
167Kb / 10P
INTERVAL AND WIPE/WASH WIPER CONTROL IC WITH DELAY
logo
TEMIC Semiconductors
U690B TEMIC-U690B Datasheet
102Kb / 9P
Rear Wiper Interval/Wipe-Wash Control
logo
ATMEL Corporation
U2640B ATMEL-U2640B Datasheet
85Kb / 10P
Intemittent- and Wipe/ Wash Control for Wiper Systems
U641B ATMEL-U641B_05 Datasheet
197Kb / 12P
Interval and Wipe/Wash Wiper Control IC with Delay
U642B ATMEL-U642B_05 Datasheet
195Kb / 12P
Interval- and Wipe/ Wash Wiper Control IC
U641B ATMEL-U641B_07 Datasheet
243Kb / 12P
Interval and Wipe/Wash Wiper Control IC with Delay
U642B ATMEL-U642B_07 Datasheet
241Kb / 12P
Interval and Wipe/Wash Wiper Control IC
logo
Unisonic Technologies
UU642 UTC-UU642_15 Datasheet
221Kb / 6P
INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
IK Semicon Co., Ltd
IK642BN IKSEMICON-IK642BN Datasheet
417Kb / 11P
INTERVAL- and WIPE/WASH WIPER CONTROL IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com