Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU642G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UU642G-S08-R
Description  INTERVAL AND WIPE/WASH WIPER CONTROL IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU642G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UU642G-S08-R Datasheet HTML 1Page - Unisonic Technologies UU642G-S08-R Datasheet HTML 2Page - Unisonic Technologies UU642G-S08-R Datasheet HTML 3Page - Unisonic Technologies UU642G-S08-R Datasheet HTML 4Page - Unisonic Technologies UU642G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UU642
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R121-022.a
TYPICAL APPLICATION CIRCUIT
R6
R5
10kΩ
10kΩ
8
7
6
5
C1
Relay
47µF
10V
UTC UU642
1
2
3
4
R1
510Ω
2.7kΩ
R2
C2
22µF
R4
Rtime=130kΩ
R3
S2
S1
10kΩ
M
M
S3
31
15
WIWA
Park
switch
Wiper motor
Interval switch
Water pump
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com