Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4340 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4340
Description  24-Bit, 96 kHz Stereo DAC for Audio?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4340 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4340 Datasheet HTML 9Page - Cirrus Logic CS4340 Datasheet HTML 10Page - Cirrus Logic CS4340 Datasheet HTML 11Page - Cirrus Logic CS4340 Datasheet HTML 12Page - Cirrus Logic CS4340 Datasheet HTML 13Page - Cirrus Logic CS4340 Datasheet HTML 14Page - Cirrus Logic CS4340 Datasheet HTML 15Page - Cirrus Logic CS4340 Datasheet HTML 16Page - Cirrus Logic CS4340 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
CS4340
DS297PP3
13
3.
PIN DESCRIPTION
RST
1
Reset (
Input) - The device enters a low power mode and all internal state machines are reset to
the default settings when low. RST should be held low during power-up until the power supply,
master and left/right clocks are stable.
SDATA
2
Serial Audio Data (
Input) - Two’s complement MSB-first serial data is input on this pin. The
data is clocked into SDATA via the serial clock and the channel is determined by the Left/Right
clock. The required relationship between the Left/Right clock, serial clock and serial data is
defined by the DIF1-0 pins. The options are detailed in Figures 16-19.
SCLK
3
Serial Clock (
Input) - Clocks the individual bits of the serial data into the SDATA pin. The
required relationship between the Left/Right clock, serial clock and serial data is defined by the
DIF1-0 pins. The options are detailed in Figures 16-19.
The CS4340 supports both internal and external serial clock generation modes. Internal SCLK
mode is used to gain access to extra de-emphasis modes.
Internal Serial Clock Mode - In the Internal Serial Clock Mode, the serial clock is internally
derived and synchronous with the master clock and left/right clock. The SCLK/LRCK frequency
ratio is either 32, 48, or 64 depending upon the DIF1-0 pins as shown in Figures 16-19. Opera-
tion in this mode is identical to operation with an external serial clock synchronized with LRCK.
External Serial Clock Mode - The CS4340 will enter the External Serial Clock Mode whenever
16 low to high transitions are detected on the SCLK pin during any phase of the LRCK period.
The device will revert to Internal Serial Clock Mode if no low to high transitions are detected on
the SCLK pin for 2 consecutive periods of LRCK.
15
2
14
3
13
4
16
1
11
6
10
7
9
8
12
5
Reset
RST
MUTEC
Mute Control
Serial Data
SDATA
AOUTL
Left Analog Output
Serial Clock / De-emphasis SCLK/DEM1
VA
Analog Power
Left/Right Clock
LRCK
AGND
Analog Ground
Master Clock
MCLK
AOUTR
Right Analog Output
Digital Interface Format
DIF1
REF_GND Reference Ground
Digital Interface Format
DIF0
VQ
Quiescent Voltage
De-emphasis
DEM0
FILT+
Positive Voltage Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com