Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4340 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS4340
Description  24-Bit, 96 kHz Stereo DAC for Audio?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4340 Datasheet(HTML) 3 Page - Cirrus Logic

  CS4340 Datasheet HTML 1Page - Cirrus Logic CS4340 Datasheet HTML 2Page - Cirrus Logic CS4340 Datasheet HTML 3Page - Cirrus Logic CS4340 Datasheet HTML 4Page - Cirrus Logic CS4340 Datasheet HTML 5Page - Cirrus Logic CS4340 Datasheet HTML 6Page - Cirrus Logic CS4340 Datasheet HTML 7Page - Cirrus Logic CS4340 Datasheet HTML 8Page - Cirrus Logic CS4340 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
CS4340
DS297PP3
3
LIST OF FIGURES
Figure 1. External Serial Mode Input Timing ............................................................. 11
Figure 2. Internal Serial Mode Input Timing .............................................................. 11
Figure 3. Internal Serial Clock Generation ................................................................ 11
Figure 4. Typical Connection Diagram ...................................................................... 12
Figure 5. Base-Rate Stopband Rejection .................................................................. 17
Figure 6. Base-Rate Transition Band ........................................................................ 17
Figure 7. Base-Rate Transition Band (Detail)............................................................ 17
Figure 8. Base-Rate Passband Ripple ...................................................................... 17
Figure 9. High-Rate Stopband Rejection ................................................................... 17
Figure 10. High-Rate Transition Band ....................................................................... 17
Figure 11. High-Rate Transition Band (Detail) .......................................................... 18
Figure 12. High-Rate Passband Ripple ..................................................................... 18
Figure 13. Output Test Load...................................................................................... 18
Figure 14. Maximum Loading .................................................................................... 18
Figure 15. Power vs. Sample Rate (VA = 5V) ........................................................... 18
Figure 16. CS4340 Format 0 (I2S)............................................................................. 19
Figure 17. CS4340 Format 1 ..................................................................................... 19
Figure 18. CS4340 Format 2 ..................................................................................... 20
Figure 19. CS4340 Format 3 ..................................................................................... 20
Figure 20. De-Emphasis Curve ................................................................................. 21
Figure 21. FFT 0 dB input, BRM, VA = 3V ................................................................ 22
Figure 22. FFT -60 dB input, BRM, VA = 3V ............................................................. 22
Figure 23. FFT Idle Noise, BRM, VA = 3V................................................................. 22
Figure 24. Fade-to-Noise Linearity, BRM, VA = 3V................................................... 22
Figure 25. THDN vs Ampl, BRM, VA = 3V ................................................................ 22
Figure 26. THDN vs Freq, BRM, VA = 3V ................................................................. 22
Figure 27. FFT 0 dB input, BRM, VA = 5V ................................................................ 23
Figure 28. FFT -60 dB input, BRM, VA = 5V ............................................................. 23
Figure 29. FFT Idle Noise, BRM, VA = 5V................................................................. 23
Figure 30. Fade-to-Noise Linearity, BRM, VA = 5V................................................... 23
Figure 31. THDN vs Ampl, BRM, VA = 5V ................................................................ 23
Figure 32. THDN vs Freq, BRM, VA = 5V ................................................................. 23
Figure 33. FFT 0 dB input, HRM, VA = 3V ................................................................ 24
Figure 34. FFT -60 dB input, HRM, VA = 3V ............................................................. 24
Figure 35. FFT Idle Noise, HRM, VA = 3V ................................................................ 24
Figure 36. Fade-to-Noise Linearity, HRM, VA = 3V................................................... 24
Figure 37. THDN vs Ampl, HRM, VA = 3V ................................................................ 24
Figure 38. THDN vs Freq, HRM, VA = 3V ................................................................. 24
Figure 39. FFT 0 dB input, HRM, VA = 5V ................................................................ 25
Figure 40. FFT -60 dB input, HRM, VA = 5V ............................................................. 25
Figure 41. FFT Idle Noise, HRM, VA = 5V ................................................................ 25
Figure 42. Fade-to-Noise Linearity, HRM, VA = 5V................................................... 25
Figure 43. THDN vs Ampl, HRM, VA = 5V ................................................................ 25
Figure 44. THDN vs Freq, HRM, VA = 5V ................................................................. 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com