Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4340 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4340
Description  24-Bit, 96 kHz Stereo DAC for Audio?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4340 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4340 Datasheet HTML 10Page - Cirrus Logic CS4340 Datasheet HTML 11Page - Cirrus Logic CS4340 Datasheet HTML 12Page - Cirrus Logic CS4340 Datasheet HTML 13Page - Cirrus Logic CS4340 Datasheet HTML 14Page - Cirrus Logic CS4340 Datasheet HTML 15Page - Cirrus Logic CS4340 Datasheet HTML 16Page - Cirrus Logic CS4340 Datasheet HTML 17Page - Cirrus Logic CS4340 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
CS4340
14
DS297PP3
DEM1 and DEM0
3 & 8 De-emphasis Control (
Input) - Implementation of the standard 15
µs/50µs digital de-emphasis
filter response, Figure 20, requires reconfiguration of the digital filter to maintain the proper filter
response for 32, 44.1 or 48 kHz sample rates. When using Internal Serial Clock Mode, as
described above, Pin 3 is available for de-emphasis control, DEM1, and all de-emphasis filters
are available, Table 3. When using External Serial Clock Mode, as described above, Pin 3 is
not available for de-emphasis use and only the 44.1 kHz de-emphasis filter is available,
Table 4. NOTE: De-emphasis is not available in High-Rate Mode.
LRCK
4
Left/Right Clock (
Input) - The Left/Right clock determines which channel is currently being
input on the serial audio data input, SDATA. The frequency of the Left/Right clock must be at
the input sample rate. Audio samples in Left/Right sample pairs will be simultaneously output
from the digital-to-analog converter whereas Right/Left pairs will exhibit a one sample period
difference. The required relationship between the Left/Right clock, serial clock and serial data is
defined by the DIF1-0 pins. The options are detailed in Figures 16-19.
MCLK
5
Master Clock (
Input) - The master clock frequency must be either 256x, 384x or 512x the input
sample rate in Base Rate Mode (BRM) and either 128x or 192x the input sample rate in High
Rate Mode (HRM). Table 3 illustrates several standard audio sample rates and the required
master clock frequencies.
DEM1
DEMO
DESCRIPTION
00
Disabled
01
44.1kHz
10
48kHz
11
32kHz
Table 1. Internal Serial Clock Mode
DEMO
DESCRIPTION
0
Disabled
1
44.1kHz
Table 2. External Serial Clock Mode
Sample
Rate
(kHz)
MCLK (MHz)
HRM
BRM
128x
192x
256x
384x
512x
32
4.0960
6.1440
8.1920
12.2880
16.3840
44.1
5.6448
8.4672
11.2896
16.9344
22.5792
48
6.1440
9.2160
12.2880
18.4320
24.5760
64
8.1920
12.2880
-
-
-
88.2
11.2896
16.9344
-
-
-
96
12.2880
18.4320
-
-
-
Table 3. Common Master Clock Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com