Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4341 Datasheet HTML 9Page - Cirrus Logic CS4341 Datasheet HTML 10Page - Cirrus Logic CS4341 Datasheet HTML 11Page - Cirrus Logic CS4341 Datasheet HTML 12Page - Cirrus Logic CS4341 Datasheet HTML 13Page - Cirrus Logic CS4341 Datasheet HTML 14Page - Cirrus Logic CS4341 Datasheet HTML 15Page - Cirrus Logic CS4341 Datasheet HTML 16Page - Cirrus Logic CS4341 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
CS4341
DS298PP2
13
3.
REGISTER QUICK REFERENCE
** “default” ==> bit status after power-up-sequence or reset.
3.1
MCLK Control (address 00h)
MCLKDIV (MCLK Divide-by-2 Enable)
Default = ‘0’.
0 - Disabled
1 - Enabled
3.2
Mode Control (address 01h)
AMUTE (Auto-mute)
Default = ‘1’.
0 - Disabled
1 - Enabled
DIF2, DIF1 and DIF0 (Digital Interface Format)
Default = ‘0’.
0 - Format 0, I2S, up to 24-bit data, 64 x Fs Internal SCLK
1 - Format 1, I2S, up to 24-bit data, 32 x Fs Internal SCLK
2 - Format 2, Left Justified, up to 24-bit data
3 - Format 3, Right Justified, 24-bit Data
4 - Format 4, Right Justified, 20-bit Data
5 - Format 5, Right Justified, 16-bit Data
6 - Format 6, Right Justified, 18-bit Data
7 - Identical to Format 1
DEM 1, DEM 0 (De-Emphasis Mode)
Default = ‘0’.
0 - Disabled
1 - 44.1 kHz De-Emphasis
2 - 48 kHz De-Emphasis
3 - 32 kHz De-Emphasis
POR (Power on/off Quiescent Voltage ramp)
Default = ‘1’.
0 - Disabled
1 - Enabled
PDN (Power-Down)
Default =’1’.
0 - Disabled
1 - Enabled
765
4321
0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
MCLKDIV
Reserved
000
0000
0
765
4321
0
AMUTE
DIF2
DIF1
DIF0
DEM1
DEM0
POR
PDN
100
0001
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com