Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4341 Datasheet HTML 17Page - Cirrus Logic CS4341 Datasheet HTML 18Page - Cirrus Logic CS4341 Datasheet HTML 19Page - Cirrus Logic CS4341 Datasheet HTML 20Page - Cirrus Logic CS4341 Datasheet HTML 21Page - Cirrus Logic CS4341 Datasheet HTML 22Page - Cirrus Logic CS4341 Datasheet HTML 23Page - Cirrus Logic CS4341 Datasheet HTML 24Page - Cirrus Logic CS4341 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
CS4341
DS298PP2
21
4.11
VOLUME CONTROL
Channel A Volume Control Register (address 03h)
Channel B Volume Control Register (address 04h)
Access:
R/W in I2C and write only in SPI.
Default:
0 - 0 dB (No attenuation)
Function:
The digital volume control allows the user to attenuate the signal in 1 dB increments from 0 to -90 dB.
Volume settings are decoded as shown in Table 11. The volume changes are implemented as dic-
tated by the Soft and Zero Cross bits in the Volume and Mixing Control register. All volume settings
less than - 94 dB are equivalent to enabling the Mute bit.
765
4321
0
MUTE
VOL6
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
Binary Code
Decimal Value
Volume Setting
0000000
0
0 dB
0010100
20
-20 dB
0101000
40
-40 dB
0111100
60
-60 dB
1011010
90
-90 dB
Table 11. Digital Volume Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com