Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208D Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6208D
Description  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6208D Datasheet HTML 5Page - STMicroelectronics L6208D Datasheet HTML 6Page - STMicroelectronics L6208D Datasheet HTML 7Page - STMicroelectronics L6208D Datasheet HTML 8Page - STMicroelectronics L6208D Datasheet HTML 9Page - STMicroelectronics L6208D Datasheet HTML 10Page - STMicroelectronics L6208D Datasheet HTML 11Page - STMicroelectronics L6208D Datasheet HTML 12Page - STMicroelectronics L6208D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
DocID7514 Rev 2
9/35
L6208
Electrical characteristics
35
tCLK(min)H Minimum clock time(4)
1µs
fCLK
Clock frequency
100
KHz
tS(MIN)
Minimum setup time(5)
1µs
tH(MIN)
Minimum hold time(5)
1µs
tR(MIN)
Minimum reset time(5)
1µs
tRCLK(MIN) Minimum reset to clock delay time(5)
1µs
tDT
Deadtime protection
0.5
1
µs
fCP
Charge pump frequency
Tj = -25 °C to 125 °C(1)
0.6
1
MHz
PWM comparator and monostable
IRCA, IRCB Source current at pins RCA and RCB
VRCA = VRCB = 2.5 V
3.5
5.5
mA
Voffset
Offset voltage on sense comparator
VREFA, VREFB = 0.5 V
±5
mV
tPROP
Turn OFF propagation delay(6)
500
ns
tBLANK
Internal blanking time on SENSE pins
1
µs
tON(MIN)
Minimum On time
1.5
2
µs
tOFF
PWM recirculation time
ROFF = 20 KCOFF = 1 nF
13
µs
ROFF = 100 KCOFF = 1 nF
61
µs
IBIAS
Input bias current at pins VREFA and
VREFB
10
µA
Overcurrent protection
ISOVER
Input supply overcurrent protection
threshold
Tj = -25 °C to 125 °C(1)
45.6
7.1
A
ROPDR
Open drain ON resistance
I = 4 mA
40
60
W
tOCD(ON) OCD turn-on delay time(7)
I = 4 mA; CEN < 100 pF
200
ns
tOCD(OFF) OCD turn-off delay time(7)
I = 4 mA; CEN < 100 pF
100
ns
1. Tested at 25 °C in a restricted range and guaranteed by characterization.
2. See Figure 3: Switching characteristic definition.
3. See Figure 4: Clock to output delay time.
4. See Figure 5: Minimum timing definition; clock input.
5. See Figure 6: Minimum timing definition; logic inputs.
6. Measured applying a voltage of 1 V to pin SENSE and a voltage drop from 2 V to 0 V to pin VREF.
7. See Figure 7: Overcurrent detection timing definition.
Table 5. Electrical characteristics
(Tamb = 25 °C, Vs = 48 V, unless otherwise specified) (continued)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com