Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208D Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6208D
Description  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208D Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6208D Datasheet HTML 18Page - STMicroelectronics L6208D Datasheet HTML 19Page - STMicroelectronics L6208D Datasheet HTML 20Page - STMicroelectronics L6208D Datasheet HTML 21Page - STMicroelectronics L6208D Datasheet HTML 22Page - STMicroelectronics L6208D Datasheet HTML 23Page - STMicroelectronics L6208D Datasheet HTML 24Page - STMicroelectronics L6208D Datasheet HTML 25Page - STMicroelectronics L6208D Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Decay modes
L6208
22/35
DocID7514 Rev 2
tolerable delay time and the REN value should be chosen according to the desired disable
time.
The resistor REN should be chosen in the range from 2.2 K to 180 K. Recommended
values for REN and CEN are respectively 100 K and 5.6 nF that allow obtaining 200 s
disable time.
Figure 22. Overcurrent protection waveforms
ISOVER
IOUT
Vth(ON)
Vth(OFF)
VEN(LOW)
VDD
tOCD(ON)
tD(ON)EN
tEN(FALL)
tEN(RISE)
tDISABLE
tDELAY
tOCD(OFF)
tD(OFF)EN
VEN
BRIDGE
ON
OFF
OCD
ON
OFF
D02IN1400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com