Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208D Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6208D
Description  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208D Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6208D Datasheet HTML 23Page - STMicroelectronics L6208D Datasheet HTML 24Page - STMicroelectronics L6208D Datasheet HTML 25Page - STMicroelectronics L6208D Datasheet HTML 26Page - STMicroelectronics L6208D Datasheet HTML 27Page - STMicroelectronics L6208D Datasheet HTML 28Page - STMicroelectronics L6208D Datasheet HTML 29Page - STMicroelectronics L6208D Datasheet HTML 30Page - STMicroelectronics L6208D Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
DocID7514 Rev 2
27/35
L6208
Application information
35
Figure 29. IC power dissipation versus output current in MICROSTEPPING mode
8.2
Thermal management
In most applications the power dissipation in the IC is the main factor that sets the maximum
current that can be delivered by the device in a safe operating condition. Therefore, it has to
be taken into account very carefully. Besides the available space on the PCB, the right
package should be chosen considering the power dissipation. Heat sinking can be achieved
using copper on the PCB with proper area and thickness. Figure 30, 31 and 32 show the
junction to ambient thermal resistance values for the PowerSO36, PowerDIP24 and SO24
packages.
For instance, using a PowerSO package with a copper slug soldered on a 1.5 mm copper
thickness FR4 board with a 6 cm2 dissipating footprint (copper thickness of 35 µm),
the Rth(j-amb) is about 35 °C/W. Figure 33 shows mounting methods for this package. Using
a multilayer board with vias to a ground plane, thermal impedance can be reduced down to
15 °C/W.
Figure 30. PowerSO36 junction ambient thermal resistance versus on-board copper
area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com