Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49400 Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS49400
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49400 Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS49400 Datasheet HTML 59Page - Cirrus Logic CS49400 Datasheet HTML 60Page - Cirrus Logic CS49400 Datasheet HTML 61Page - Cirrus Logic CS49400 Datasheet HTML 62Page - Cirrus Logic CS49400 Datasheet HTML 63Page - Cirrus Logic CS49400 Datasheet HTML 64Page - Cirrus Logic CS49400 Datasheet HTML 65Page - Cirrus Logic CS49400 Datasheet HTML 66Page - Cirrus Logic CS49400 Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
63
6.3.6 Motorola Parallel Host
Communication Mode for DSPC
The Motorola parallel host communication mode is
implemented using the pins given in Table 10.
Parallel host communication is available only on
the 144-pin package part. The INTREQ pin is
asserted (driven low) whenever the DSP has an
outgoing message for the host. This same
information is reflected by the HOUTRDY bit of
the Host Control Register (A[1:0] = 01b).
INTREQ is useful for informing the host of
unsolicited messages. An unsolicited message is
defined as a message generated by DSPC without
an associated host read request.
6.3.6.1 Writing a Byte in Motorola Mode for
DSPC
Information provided in this section is intended as
a functional description of how to write control
information to DSPC. The system designer must
ensure that all of the timing constraints of the
Motorola Parallel Host Mode Write Cycle are met.
The flow diagram shown in Figure 46 illustrates
the sequence of events that define a one-byte write
in Motorola mode. One byte writes should only be
used with the Host Control and Host Data registers.
The protocol presented in Figure 46 will now be
described in detail.
1) The host must first drive the A1 and A0 register
address pins of DSPC with the address of the
desired Parallel I/O Register. The address is
latched on the falling edge of CS.
Host Control:
A[1:0]==01b.
Host Data1:
A[1:0]==10b.
Host Data2:
A[1:0]==11b.
2) The host indicates that this is a write cycle by
driving the R/W pin low.
Mnemonic
Pin Name
144-Pin
Package,
Pin
Number
Chip Select
CS
129
Data Strobe
DS
120
Read or Write Select
R/W
121
Register Address Bit 1
A1
139
Register Address Bit 0
A0
130
Interrupt Request
INTREQ
3
Host Busy
HINBSY
141
DATA7
HDAT7
95
DATA6
HDAT6
96
DATA5
HDAT5
96
DATA4
HDAT4
103
DATA3
HDAT3
105
DATA2
HDAT2
112
DATA1
HDAT1
115
DATA0
HDAT0
116
Table 10. Motorola Mode Communication Signals for
DSPC
CS (HIGH)
DS (HIGH)
W RITE BYTE TO
HDAT[7:0]
CS (LOW )
DS (LOW )
R/W (LOW )
ADDRESS A PARALLEL I/O REGISTER
(A[1:0] SET APPROPRIATELY)
Figure 46. Motorola Mode, One-Byte Write Flow
Diagram for DSPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com