Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49400 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS49400
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49400 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS49400 Datasheet HTML 35Page - Cirrus Logic CS49400 Datasheet HTML 36Page - Cirrus Logic CS49400 Datasheet HTML 37Page - Cirrus Logic CS49400 Datasheet HTML 38Page - Cirrus Logic CS49400 Datasheet HTML 39Page - Cirrus Logic CS49400 Datasheet HTML 40Page - Cirrus Logic CS49400 Datasheet HTML 41Page - Cirrus Logic CS49400 Datasheet HTML 42Page - Cirrus Logic CS49400 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
39
OSCILLATOR
2 SPDIF TX
MICROCONTROLLER
6 DACs
ADC OR SPDIF RX
EXTERNAL ROM
ADC
NOTE:
1. A capacitor pair (.01uF and 0.1uF) must
be supplied for each power pin.
2. The digital supply (+2.5 VD) is filtered.
to obtain the analog suply (+2.5 VA).
PARALLEL
INTERFACE
ADCs
+2.5 VA
+2.5 VA
+3.3VD
+2.5 VD
+2.5 VD
+3.3VD
CS494XX
39
72
53
115
126
141
98
35
103
75
105
32
86
1
59
33
85
93
62
56
144
22
27
36
23
17
96
74
116
12
34
125
94
136
81
134
110
87
44
107
77
47
61
15
25
121
2
78
5
119
122
102
71
67
38
142
52
130
99
97
82
55
120
123
8
28
30
49
13
92
18
108
64
3
80
117
37
104
43
73
40
46
140
7
111
135
31
76
106
128
60
26
16
63
139
109
6
95
66
112
45
131
127
143
54
14
124
19
24
29
79
4
9
65
129
118
68
SD_DQM0
SD_ADR10,EXTA10
SD_DATA11,EXTA14
HDATA1,GPIO1
CLKOUT,XTAL0
HINBSY,GPIO8
SCLK1
SD_DAT1,EXTD1
HDATA4,GPIO4
SD_ADDR2,EXTA2
HDATA3,GPIO3
NV_CS,GPIO14
SCLKN,GPIO22
UHS0,GPIO18
SD_CLK_OUT
SD_WE
LRCLKN,GPIO23
AUDATA6,GPIO30
SD_ADDR8, EXTA8
SD_DATA8,EXTA11
RESET
FDAT3
FDAT1
SD_DAT2, EXTD2
FDBDA
FDBCK
HDATA6,GPIO6
SD_ADDR1, EXTA1
HDATA0,GPIO0
FHS0,FWR,FDS
SD_DAT0,EXTD0
PLLVDD
AUDATA5,GPIO29
SCDIN
SDATAN1,GPIO25
FSCLKN1,STCCLK2
AUDATA0
LRCLK1
SD_DATA7,EXTD7
AUDATA2
SD_RAS
SD_DATA14,EXTA17
SD_CLK_IN
FCS
DBDA
RD,R/W,GPIO11
UHS1,GPIO19
SD_CAS
GPIO20
FLRCLKN1
PLLVSS
AUDATA4,GPIO28
SD_BA,EXTA19
SD_ADDR4,EXTA4
SD_DATA4,EXTD4
SCCLK
SD_DATA12, EXTA15
AO,GPIO13
MCLK
HDATA5,GPIO5
SDATAN0,GPIO24
SD_DATA9,EXTA12
WR,DS,GPIO10
FILT2
GPIO21
TEST
NV_WE,GPIO16
SD_DATA13,EXTA16
FHS1,FRD,FR/ W
AUDATA7,XMT958B,GPIO31
FDAT5
LRCLK0
SD_CLK_EN
INTREQ,ABOOT
SDATAN2,GPIO26
CMPREQ,FLRCLKN2
SD_DATA3, EXTD3
SCLK0
SD_DATA6,EXTD6
SD_ADDR0, EXTA0
SD_DATA5,EXTD5
SD_DATA15,EXTA18
SCDOUT,SCDIO
FHS2,FSCDIO,FSCDOUT
CMPCLK,FSCLKN2
SCS
NV_OE,GPIO15
SD_ADDR3,EXTA3
AUDAT3,XMT958A
CLKSEL
SD_ADDR9,EXTA9
DBCK
FINTREQ
SD_ADDR7,EXTA7
A1,GPIO12
AUDATA1
FAO,FSCCLK
HDATA7,GPIO7
SD_ADDR5,EXTA5
HDATA2,GPIO2
SD_DQM1
FSDATAN1
CLKIN,XTALI
USH2,CS_OUT,GPIO17
SD_DATA10,EXTA13
FDAT6
FILT1
FDAT4
FDAT2
FDAT0
SDATAN3,GPIO27
FA1, FSCDIN
FDAT7
SD_ADDR6,EXTA6
CS,GPIO9
CMPDAT,FSDATAN2
SD_CS
C2
0.1uF
0.01uF
3.3K
0.1uF
3.3K
3.3K
R1
+
1uF
10K
+
C1
10K
+
1uF
0.1uF
47uF
C3
0.1uF
3.3K
FERRITE BEAD
3.3K
10K
Figure 28. Intel
® Parallel Control Mode - 144 Pin Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com