Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49400 Datasheet(PDF) 71 Page - Cirrus Logic

Part # CS49400
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49400 Datasheet(HTML) 71 Page - Cirrus Logic

Back Button CS49400 Datasheet HTML 67Page - Cirrus Logic CS49400 Datasheet HTML 68Page - Cirrus Logic CS49400 Datasheet HTML 69Page - Cirrus Logic CS49400 Datasheet HTML 70Page - Cirrus Logic CS49400 Datasheet HTML 71Page - Cirrus Logic CS49400 Datasheet HTML 72Page - Cirrus Logic CS49400 Datasheet HTML 73Page - Cirrus Logic CS49400 Datasheet HTML 74Page - Cirrus Logic CS49400 Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
71
8. BOOT PROCEDURE
In this section the process of booting and
downloading to the CS49400 will be covered as
well as how to perform a soft reset. There are two
ways to boot the DSP:
•
Host Controlled MasterBoot
•
Host Boot Via DSPC
Each of these boot procedures will be described in
detail with pseudocode. The flow charts use the
following messages:
•
Write-C_* Write to DSPC
•
Read-C_* Read from DSPC
•
Write-AB_* Write to DSPAB
•
Read-AB_*Readfrom DSPAB
Note:
When reading from DSPAB the host must
wait for FINTREQ to fall before starting the read
cycle. When reading from DSPC the host must
wait for INTREQ to fall before starting the read
cycle.
Note:
The * can be replaced by SPI, INTEL, or
MOT depending on the mode of host
communication. For each case the general
download algorithm is the same.
Table 16, and Table 17 define the boot write
messages and boot read messages in mnemonic and
actual hex value for DSPAB and DSPC. These
messages will be used in the boot sequence
8.1 Host Controlled Master Boot
A host controlled master boot is a sequence where
a host instructs the DSP to load application code
into itself from external memory. External memory
can either be FLASH or SPI EEPROM.
The
flow
chart given
in
Figure 52, "Host
Controlled Master Boot (Downloading both a
DSPAB
Application
Code
and
a
DSPC
Application Code)" on page 72 demonstrates the
interaction required by the microcontroller when
placing the DSP into a host controlled master
mode.
1) A download sequence is started when the host
holds the mode pins appropriately (UHS[2:0]
and FHS[1:0]) and toggles RESET.
2) The
host
must
then
send
the
C_MASTER_SOURCE_MODE boot message
MNEMONIC
VALUE
AB_APP_START
0x03
AB_APP_FAILURE
0xF0
Table 15. Application Messages from DSPAB
MNEMONIC
VALUE
C_RESERVED
0x00 00 00 00
C_SOFT_RESET
0x40 00 00 00
Table 16. Boot Write Messages for DSPC
C_SLAVE_MODE
0x80 00 00 00
C_MASTER_BOOT_FLASH
1110 wwww wrrr rrAA
AAAA AAAA AAAA AAAA
Where
w = SRAM_FLASH_WR_CYCLE
variable found in the SRAM Switch-
ing characteristics table in Section
1.19.
r = SRAM_FLASH_RD_CYCLE
variable found in the SRAM Switch-
ing characteristics table in Section
1.19.
A = 18-bit start address/4
0xEw cb AA AA
MNEMONIC
VALUE
C_BOOT_START
0x00 00 00 01
C_BOOT_SUCCESS
0x00 00 00 02
C_APP_START
0x00 00 00 04
C_BOOT_ERROR_CHECKSUM
0x00 00 00 FF
INVALID_BOOT_TYPE
0x00 00 00 FE
Table 17. Boot Read Messages from DSPC
Table 16. Boot Write Messages for DSPC (Continued)
b
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com