Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4927 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4927
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4927 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4927 Datasheet HTML 6Page - Cirrus Logic CS4927 Datasheet HTML 7Page - Cirrus Logic CS4927 Datasheet HTML 8Page - Cirrus Logic CS4927 Datasheet HTML 9Page - Cirrus Logic CS4927 Datasheet HTML 10Page - Cirrus Logic CS4927 Datasheet HTML 11Page - Cirrus Logic CS4927 Datasheet HTML 12Page - Cirrus Logic CS4927 Datasheet HTML 13Page - Cirrus Logic CS4927 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
CS4923/4/5/6/7/8/9
10
DS262F2
SWITCHING CHARACTERISTICS—MOTOROLA® HOST MODE
(TA = 25 °C; VA, VD = 3.3 V ±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
Notes: 3. Certain timing parameters are normalized to the DSP clock, DCLK, in nanoseconds. The DSP clock can
be defined as follows:
External CLKIN Mode:
DCLK == CLKIN/3 before and during boot
DCLK == CLKIN after boot
Internal Clock Mode:
DCLK == 10MHz before and during boot, i.e. DCLK == 100ns
DCLK == 60 MHz after boot, i.e. DCLK == 16.7ns (this speed may depend on CLKIN, please see
CS4923/4/5/6/7/8/9 Hardware Users Guide for more information)
4. This specification is characterized but not production tested.
Parameter
Symbol
Min
Max
Unit
Address setup before CS and DS low
Tmas
5-
ns
Address hold time after CS and DS low
Tmah
5-
ns
Delay between DS then CS low or CS then DS low
Tmcdr
0
∞
ns
Data valid after CS and DS low with R/W high
Tmdd
-20
ns
CS and DS low for read
(Note 3)
Tmrpw
DCLK + 10
-
ns
Data hold time after CS or DS high after read
Tmdhr
5-
ns
Data high-Z after CS or DS high low after read
(Note 4)
Tmdis
-15
ns
CS or DS high to CS and DS low for next read
(Note 3)
Tmrd
2*DCLK + 10
-
ns
CS or DS high to CS and DS low for next write
(Note 3)
Tmrdtw
2*DCLK + 10
-
ns
Delay between DS then CS low or CS then DS low
Tmcdw
0
∞
ns
Data setup before CS or DS high
Tmdsu
20
-
ns
CS and DS low for write
(Note 3)
Tmwpw
DCLK + 10
-
ns
R/W setup before CS or DS low
Tmrwsu
5-
ns
R/W hold time after CS or DS high
Tmrwhld
5-
ns
Data hold after CS or DS high
Tmdhw
5-
ns
CS or DS high to CS and DS low with R/W high for next read
(Note 3)
Tmwtrd
2*DCLK + 10
-
ns
CS or DS high to CS and DS low for next write
(Note 3)
Tmwd
2*DCLK + 10
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com