Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4927 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4927
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4927 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4927 Datasheet HTML 14Page - Cirrus Logic CS4927 Datasheet HTML 15Page - Cirrus Logic CS4927 Datasheet HTML 16Page - Cirrus Logic CS4927 Datasheet HTML 17Page - Cirrus Logic CS4927 Datasheet HTML 18Page - Cirrus Logic CS4927 Datasheet HTML 19Page - Cirrus Logic CS4927 Datasheet HTML 20Page - Cirrus Logic CS4927 Datasheet HTML 21Page - Cirrus Logic CS4927 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
CS4923/4/5/6/7/8/9
18
DS262F2
SWITCHING CHARACTERISTICS—DIGITAL AUDIO OUTPUT
(TA = 25 °C; VA, VD = 3.3 V ±5%; measurements performed under static conditions.)
Notes: 24. MCLK can be an input or an output. These specifications apply for both cases.
25. Master mode timing specifications are characterized, not production tested.
26. Master mode is defined as the CS4923 driving both SCLK and LRCLK. When MCLK is an input, it is
divided to produce SCLK and LRCLK.
27. This timing parameter is defined from the non-active edge of SCLK. The active edge of SCLK is the
point at which the data is valid.
28. Slave mode is defined as SCLK and LRCLK being driven by an external source.
29. This specification is characterized, not production tested.
Parameter
Symbol
Min
Max
Unit
MCLK period
(Note 24)
Tmclk
40
-
ns
MCLK duty cycle
(Note 24)
40
60
%
SCLK period for Master or Slave mode
(Note 25)
Tsclk
40
-
ns
SCLK duty cycle for Master or Slave mode
(Note 25)
45
55
%
Master Mode
(Note 25,26)
SCLK delay from MCLK rising edge, MCLK as an input
Tsdmi
15
ns
SCLK delay from MCLK rising edge, MCLK as an output
Tsdmo
–5
10
ns
LRCLK delay from SCLK transition
(Note 27)
Tlrds
10
ns
AUDATA2–0 delay from SCLK transition
(Note 27)
Tadsm
10
ns
Slave Mode
(Note 28)
Time from active edge of SCLKN1(2) to LRCLKN1(2) transition
Tstlr
10
-
ns
Time from LRCLKN1(2) transition to SCLKN1(2) active edge
Tlrts
10
-
ns
AUDATA2–0 delay from SCLK transition
(Note 27,29)
Tadss
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com