Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4927 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4927
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4927 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4927 Datasheet HTML 12Page - Cirrus Logic CS4927 Datasheet HTML 13Page - Cirrus Logic CS4927 Datasheet HTML 14Page - Cirrus Logic CS4927 Datasheet HTML 15Page - Cirrus Logic CS4927 Datasheet HTML 16Page - Cirrus Logic CS4927 Datasheet HTML 17Page - Cirrus Logic CS4927 Datasheet HTML 18Page - Cirrus Logic CS4927 Datasheet HTML 19Page - Cirrus Logic CS4927 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
CS4923/4/5/6/7/8/9
16
DS262F2
SWITCHING CHARACTERISTICS—DIGITAL AUDIO INPUT
(TA = 25 °C; VA, VD = 3.3 V ±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
Notes: 19. Master mode timing specifications are characterized, not production tested.
20. Master mode is defined as the CS4923 driving LRCLKN1(2) and SCLKN1(2). Master or Slave mode
can be programmed.
21. This timing parameter is defined from the non-active edge of SCLKN1(2). The active edge of
SCLKN1(2) is the point at which the data is valid.
22. This timing parameter is defined from the active edge of SCLKN1(2). The active edge of SCLKN1(2) is
the point at which the data is valid.
23. Slave mode is defined as SCLKN1(2) and LRCLKN1(2) being driven by an external source.
Parameter
Symbol
Min
Max
Unit
SCLKN1(2) period for both Master and Slave mode
(Note 19)
Tsclki
40
-
ns
SCLKN1(2) duty cycle for Master and Slave mode
(Note 19)
45
55
%
Master Mode
(Note 19,20)
LRCLKN1(2) delay after SCLKN1(2) transition
(Note 21)
Tlrds
-10
ns
SDATAN1(2) setup to SCLKN1(2) transition
(Note 22)
Tsdsum
10
-
ns
SDATAN1(2) hold time after SCLKN1(2) transition
(Note 22)
Tsdhm
5-
ns
Slave Mode
(Note 23)
Time from active edge of SCLKN1(2) to LRCLKN1(2) transition
Tstlr
10
-
ns
Time from LRCLKN1(2) transition to SCLKN1(2) active edge
Tlrts
10
-
ns
SDATAN1(2) setup to SCLKN1(2) transition
(Note 22)
Tsdsus
5-
ns
SDATAN1(2) hold time after SCLKN1(2) transition
(Note 22)
Tsdhs
5-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com