Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N20G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 7N20G-TN3-R
Description  7A, 200V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N20G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  7N20G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 7N20G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 7N20G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 7N20G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 7N20G-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
7N20
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-811.B
7A, 200V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 7N20 is an N-Channel enhancement mode power
MOSFET, providing customers with excellent switching performance
and minimum on-state resistance. This device can also withstand
high energy pulse in the avalanche and the commutation mode.
The UTC 7N20 is generally applied in low voltage applications,
such as DC motor controls, audio amplifiers and high efficiency
switching DC/DC converters.
FEATURES
* Low Gate Charge: 5.8nC (TYP.)
* Low CRSS: 10 pF (TYP.)
* RDS(ON)=0.58Ω @VGS=10V
* Fast Switching
* Improved dv/dt Capability
SYMBOL
2.Drain
3.Source
1.Gate
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
7N20L-TN3-R
7N20G-TN3-R
TO-252
G
D
S
Tape Reel
7N20L-TN3-T
7N20G-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 7N20G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
7N20 ISC-7N20 Datasheet
67Kb / 2P
Fast Switching Speed
logo
Unisonic Technologies
7N20Z UTC-7N20Z Datasheet
217Kb / 5P
7A, 200V N-CHANNEL POWER MOSFET
7N20ZG-TN3-R UTC-7N20ZG-TN3-R Datasheet
217Kb / 5P
7A, 200V N-CHANNEL POWER MOSFET
7N20ZG-TN3-T UTC-7N20ZG-TN3-T Datasheet
217Kb / 5P
7A, 200V N-CHANNEL POWER MOSFET
7N20ZL-TN3-R UTC-7N20ZL-TN3-R Datasheet
217Kb / 5P
7A, 200V N-CHANNEL POWER MOSFET
More results

Similar Description - 7N20G-TN3-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD7NB20 STMICROELECTRONICS-STD7NB20 Datasheet
488Kb / 10P
N-CHANNEL 200V - 0.3ohm - 7A DPAK/IPAK PowerMESH™ MOSFET
Jul-2002
STD7NS20 STMICROELECTRONICS-STD7NS20 Datasheet
319Kb / 8P
N-CHANNEL 200V - 0.35ohm - 7A DPAK / IPAK MESH OVERLAY™ MOSFET
Jun-2003
logo
Fairchild Semiconductor
IRF220-223 FAIRCHILD-IRF220-223 Datasheet
165Kb / 5P
N-Channel Power MOSFETs, 7A, 150-200V
logo
Unisonic Technologies
7N10 UTC-7N10_12 Datasheet
224Kb / 6P
7A, 100V N-CHANNEL POWER MOSFET
7N40 UTC-7N40 Datasheet
175Kb / 4P
7A, 400V N-CHANNEL POWER MOSFET
7N50_1109 UTC-7N50_1109 Datasheet
180Kb / 6P
7A, 500V N-CHANNEL POWER MOSFET
7N65A UTC-7N65A Datasheet
283Kb / 7P
7A, 650V N-CHANNEL POWER MOSFET
7N70_1109 UTC-7N70_1109 Datasheet
387Kb / 7P
7A, 700V N-CHANNEL POWER MOSFET
7N10Z UTC-7N10Z Datasheet
219Kb / 5P
7A, 100V N-CHANNEL POWER MOSFET
7N20Z UTC-7N20Z Datasheet
217Kb / 5P
7A, 200V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com