Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20N15G-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 20N15G-TN3-R
Description  20A, 150V N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

20N15G-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  20N15G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 20N15G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 20N15G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 20N15G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
20N15
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-904.C
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
150
V
Gate-Source Voltage
Continuous
VGSS
±20
V
Drain Current
Continuous
ID
20
A
Single Pulsed (tp≤10µs)
IDM
60
A
Single Drain–to–Source
Avalanche Energy
Starting TJ=25°C
(VDD=120V, VGS=10V,
IL=20A, L=0.3mH)
EAS
60
mJ
Power Dissipation
TO-220F1
PD
36
W
TO-220F2
38
W
TO-252
50
W
Operating Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220F1/TO-220F2
θJA
62.5
°C/W
TO-252
110
°C/W
Junction to Case
TO-220F1
θJC
3.47
°C/W
TO-220F2
3.28
°C/W
TO-252
2.5
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com