Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20N15G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 20N15G-TN3-R
Description  20A, 150V N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

20N15G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  20N15G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 20N15G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 20N15G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 20N15G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
20N15
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-904.C
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=0.25mA, VGS=0V
150
V
Drain-Source Leakage Current
IDSS
VDS=150V, VGS=0V
10
µA
VDS=150V, VGS=0V, TJ=125°C
100
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
100
nA
Reverse
VGS=-20V, VDS=0V
100
nA
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=0.25mA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=10A
0.12 0.13
Ω
Drain–Source On–Voltage
VDS(ON)
VGS=10V, ID=20A
2.8
V
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
1133 1627
pF
Output Capacitance
COSS
332 474
pF
Reverse Transfer Capacitance
CRSS
105 174
pF
SWITCHING PARAMETERS (Note 2)
Gate Charge
QG
VGS=10V, VDS=75V, ID=20A
39.1 55.9
nC
QGS
7.5
nC
QGD
22
nC
Turn-ON Delay Time
tD(ON)
VDD=75V, VGS=10V, ID=20A,
RG=9.1Ω
11
25
ns
Rise Time
tR
77
153
ns
Turn-OFF Delay Time
tD(OFF)
33
67
ns
Fall-Time
tF
49
97
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
(Note 1)
VSD
IS=20A, VGS=0V
1.5
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
20
A
Pulsed Drain-Source Current
ISM
60
A
Body Diode Reverse Recovery Time
tRR
IS=20A, VGS=0V, dIS/dt=100A/µs
160
ns
Body Diode Reverse Recovery Charge
QRR
1.1
µC
Notes: 1. Pulse Test: Pulse Width≤300µs, Duty Cycle≤2%.
2. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com