Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20N15G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 20N15G-TN3-R
Description  20A, 150V N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

20N15G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  20N15G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 20N15G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 20N15G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 20N15G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
20N15
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-904.C
20A, 150V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 20N15 is an N-Channel POWER MOSFET, it uses
UTC’s advanced technology to provide customers with high
switching speed and low gate charge.
The UTC 20N15 is suitable for bridge circuits, power
converters and PWM motor controls.
FEATURES
* RDS(on)<0.13Ω @VGS=10V, ID=10A
* High switching speed
* Low gate charge
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
20N15L-TF1-T
20N15G-TF1-T
TO-220F1
G
D
S
Tube
20N15L-TF2-T
20N15G-TF2-T
TO-220F2
G
D
S
Tube
20N15L-TN3-T
20N15G-TN3-T
TO-252
G
D
S
Tube
20N15L-TN3-R
20N15G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 20N15G-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
20N15GH VBSEMI-20N15GH Datasheet
1,002Kb / 9P
N-Channel 150 V (D-S) MOSFET
20N15GH-HF VBSEMI-20N15GH-HF Datasheet
1,002Kb / 9P
N-Channel 150 V (D-S) MOSFET
More results

Similar Description - 20N15G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
150V N-Channel MOSFET
logo
International Rectifier
IRF5NJ3315 IRF-IRF5NJ3315 Datasheet
115Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.08ohm, Id=20A)
logo
Taiwan Semiconductor Co...
TSM15N15 TSC-TSM15N15 Datasheet
89Kb / 4P
150V N-Channel Power MOSFET
logo
Unisonic Technologies
UF6N15Z UTC-UF6N15Z Datasheet
144Kb / 3P
6A, 150V N-CHANNEL POWER MOSFET
20N15V UTC-20N15V Datasheet
144Kb / 4P
20A, 150V N-CHANNEL POWER MOSFET
40N15 UTC-40N15 Datasheet
151Kb / 3P
40A, 150V N-CHANNEL POWER MOSFET
60N15 UTC-60N15 Datasheet
134Kb / 3P
60A, 150V N-CHANNEL POWER MOSFET
UF5N15Z UTC-UF5N15Z Datasheet
146Kb / 3P
5A, 150V N-CHANNEL POWER MOSFET
logo
Shenzhen Foster Semicon...
FIR120N15PG FOSTER-FIR120N15PG Datasheet
2Mb / 6P
150V N-Channel Power Mosfet
logo
Rohm
RD3R02BBH ROHM-RD3R02BBH Datasheet
2Mb / 13P
Nch 150V 20A Power MOSFET
20221122 - Rev.002
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com