Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3DB-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ES3DB-13
Description  3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ES3DB-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  ES3DB-13 Datasheet HTML 1Page - Diodes Incorporated ES3DB-13 Datasheet HTML 2Page - Diodes Incorporated ES3DB-13 Datasheet HTML 3Page - Diodes Incorporated ES3DB-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ES3A/AB - ES3D/DB
Document number: DS14003 Rev. 15 - 2
1 of 4
www.diodes.com
November 2010
© Diodes Incorporated
ES3A/AB - ES3D/DB
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Features
•
Glass Passivated Die Construction
•
Super-Fast Recovery Time For High Efficiency
•
Surge Overload Rating to 100A Peak
•
Ideally Suited for Automated Assembly
•
Lead Free Finish/RoHS Compliant (Note 1)
•
Green Molding Compound (No Halogen and Antimony)
(Note 2)
Mechanical Data
•
Case: SMB/SMC
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
•
Polarity: Cathode Band or Cathode Notch
•
SMB Weight: 0.093 grams (approximate)
•
SMC Weight: 0.21 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
ES3x-13-F
SMC
3000/Tape & Reel
ES3xB-13-F
SMB
3000/Tape & Reel
* x = Device type, e.g. ES3A-13-F (SMC package); ES3AB-13-F (SMB package).
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. Product manufactured with Data Code 0924 (week 24, 2009) and newer are built with Green Molding Compound.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Bottom View
 
Green
ES3x = Product type marking code, ex: ES3A (SMC package)
ES3xB = Product type marking code, ex: ES3AB (SMB package)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year (ex: 2 for 2002)
WW = Week code (01 to 53)
YWW
ES3x(B)


Similar Part No. - ES3DB-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3DB-13-F DIODES-ES3DB-13-F Datasheet
107Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
More results

Similar Description - ES3DB-13

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER3A WTE-ER3A Datasheet
51Kb / 3P
3.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS320 DIODES-MURS320 Datasheet
64Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. A-0
RS3A DIODES-RS3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
ES3A_ DIODES-ES3A_ Datasheet
107Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
MURS320 DIODES-MURS320_1 Datasheet
235Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. 4 - 2
ES3A DIODES-ES3A_10 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 15 - 2
MURS320 DIODES-MURS320_10 Datasheet
132Kb / 5P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 6 - 2 September 2010
ES3B-13 DIODES-ES3B-13 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 15
logo
SUNMATE electronic Co.,...
ES3A SUNMATE-ES3A Datasheet
199Kb / 2P
3.0A Surface Mount Super-Fast Rectifier
logo
Diodes Incorporated
ES3AAB DIODES-ES3AAB_15 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com