Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7583BC Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC7583BC
Description  Line Card Access Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7583BC Datasheet(HTML) 2 Page - Clare, Inc.

  CPC7583BC Datasheet HTML 1Page - Clare, Inc. CPC7583BC Datasheet HTML 2Page - Clare, Inc. CPC7583BC Datasheet HTML 3Page - Clare, Inc. CPC7583BC Datasheet HTML 4Page - Clare, Inc. CPC7583BC Datasheet HTML 5Page - Clare, Inc. CPC7583BC Datasheet HTML 6Page - Clare, Inc. CPC7583BC Datasheet HTML 7Page - Clare, Inc. CPC7583BC Datasheet HTML 8Page - Clare, Inc. CPC7583BC Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.clare.com
2
Rev. E
CPC7583
Absolute Maximum Ratings are stress ratings. Functional op-
eration of the device at these or any other conditions beyond
those indicated in the operational sections of this data sheet is
not implied. Exposure of the device to the absolute maximum
ratings for extended period may degrade the device and effect
its reliability.
Electrical Characteristics TA = -40oC to +85oC (unless otherwise specified)
Minimum and maximum values are production testing requirements. Typical values are characteristic of the device and are the result
of engineering evaluations. Typical values are provided for information purposes only and are not part of the testing requirements.
1 V
BAT is used only as a reference for internal protection circuitry.
If V
BAT rises above -10V, the device will enter an all off state and will remain in the all off state until the battery voltage drops below -15V.
Power Supply Specifications
Supply
Min
Typ
Max
Unit
V
DD
+4.5
+5.0
+5.5
V
V
BAT
1
-19
-
-72
V
ESD Rating (HBM Model)
1000
Parameter
Min
Max
Units
Operating Temperature Range
-40
+110
˚C
Storage Temperature Range
-40
+150
˚C
Relative Humidity Range
5
95
%
Pin Soldering Temperature
-
+260
˚C
(t=10 s max)
+5V Power Supply
-
7
V
Battery Supply
-
-85
V
Logic Input Voltage
-
7
V
Logic Input to Switch Output Isolation
-
330
V
Switch Isolation (SW1, SW2, SW3,
-
330
V
SW5, SW6, SW7, SW9,SW10)
Switch Isolation (SW4)
-
480
V
Switch Isolation (SW8)
-
235
V
Table 1. Break Switch, SW1 and SW2
PARAMETERS
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Off-state Leakage Current:
+25oC
Vsw (differential)= -320V to Gnd
Isw
-
0.1
1
µA
Vsw (differential)= -60V to +260V
+85oC
Vsw (differential)= -330V to Gnd
Isw
-
0.3
1
µA
Vsw (differential)= -60V to +270V
-40oC
Vsw (differential)= -310V to Gnd
Isw
-
0.1
1
µA
Vsw (differential)= -60V to +250V
RDSON (SW1,SW2):
+25oCTLINE= +/-10 mA, +/-40mA, TBAT= -2V
∆ V
-
14.5
-
Ω
+85oCTLINE= +/-10 mA, +/-40mA, TBAT= -2V
∆ V
-
20.5
28
Ω
-40oCTLINE= +/-10 mA, +/-40mA, TBAT= -2V
∆ V
-
10.5
-
Ω
RDSON Match
Per ON-resistance Test Condition of
Magnitude
-
0.15
0.8
Ω
SW1, SW2
RON SW1-RONSW2
DC Current Limit:
+25oC
Vsw (on) = +/- 10V
Isw
-
225
-
mA
+85oC
Vsw (on) = +/- 10V
Isw
80
150
-
mA
-40oC
Vsw (on) = +/- 10V
Isw
-
400
425
mA
Dynamic Current Limit:
Break switches in ON state, ringing
Isw
-
2.5
-
A
(t=<0.5
µs)
access switches OFF, apply +/- 1000V
at 10/1000
µs pulse, appropriate
secondary protection in place.
Logic Input to Switch Output Isolation:
+25oC
Vsw (TLINE, RLINE) = +/-320V
Isw
-
0.1
1
µA
Logic Inputs = Gnd
+85oC
Vsw (TLINE, RLINE) = +/-330V
Isw
-
0.3
1
µA
Logic Inputs = Gnd
-40oC
Vsw (TLINE, RLINE) = +/-310V
Isw
-
0.1
1
µA
Logic Inputs = Gnd
dv/dt Sensitivity1
-
-
-
200
-
V/
µs
1 Applied voltage is 100 Vp-p square wave at 100Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com