Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7583BC Datasheet(PDF) 7 Page - Clare, Inc.

Part # CPC7583BC
Description  Line Card Access Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7583BC Datasheet(HTML) 7 Page - Clare, Inc.

Back Button CPC7583BC Datasheet HTML 3Page - Clare, Inc. CPC7583BC Datasheet HTML 4Page - Clare, Inc. CPC7583BC Datasheet HTML 5Page - Clare, Inc. CPC7583BC Datasheet HTML 6Page - Clare, Inc. CPC7583BC Datasheet HTML 7Page - Clare, Inc. CPC7583BC Datasheet HTML 8Page - Clare, Inc. CPC7583BC Datasheet HTML 9Page - Clare, Inc. CPC7583BC Datasheet HTML 10Page - Clare, Inc. CPC7583BC Datasheet HTML 11Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CPC7583
www.clare.com
7
Rev. E
Table 10. Break-Before-Make Operation (Ringing to Idle/Talk Transition)
Ring
Ring
Break
Return
Access
All Other
Switches
Switch
Switch
Access
Ring
Testin
Testout TSD
State
Timing
1 & 2
3
4
Switches
5V
0V
0V
Float
Ringing
-
Open
Closed
Closed
Open
5V
0V
5V
Float
All Off
Hold this state for </= 25ms.
Open
Open
Closed
Open
SW4 waiting for zero current to
turn off.
5V
0V
5V
Float
All Off
Zero current has occurred.
Open
Open
Open
Open
SW4 has opened.
0V
0V
0V
Float
Idle/Talk
Release Break Switches
Closed
Open
Open
Open
Alternate “Break-Before-Make” Operation
Note that the break-before-make operation can also be achieved using TSD as an input. In lines 2 & 3 of Table 10, instead of using the
logic input pins to force the “all off” state, force TSD to ground. This will override the logic inputs and also force the all off state. Hold
this state for 25 ms. During this 25 ms all off state, toggle the inputs from the 10 (ringing state) to 00 (idle/talk state). After 25 ms,
release TSD to return switch control to the input pins which will set the idle talk state.
When using the CPC7583 in this mode, forcing TSD to ground will override the INPUT pins and force an all off state. Setting TSD to
+5V will allow switch control via the logic INPUT pins. However, setting TSD to +5V will also disable the thermal shutdown mecha-
nism. This is not recommended. Therefore, to allow switch control via the logic INPUT pins, allow TSD to float.
Thus when using TSD as an input, the two recommended states are 0 (overrides logic input pins and forces all off state) and float
(allows switch control via logic input pins and thermal shutdown mechanism is active). This may require use of an open collector
buffer.
Table 11. Electrical Specifications, Protection Circuitry
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Parameters Related to Diodes
(in Diode Bridge)
Voltage Drop @ Continuous
Apply +/-dc current limit of break
Forward
-
2.8
3.5
V
Current (50/60 Hz)
switches
Voltage
Voltage Drop @ Surge
Apply +/-dynamic current limit of
Forward
-
5
-
V
Current
break swithces
Voltage
Parameters Related to
Protection SCR1
Surge Current
-
-
-
-
*
A
Trigger Current (25˚C)
-
I
TRIG
-60
-
mA
Hold Current (25˚C)
-
I
HOLD
-
110
-
mA
Trigger Current (85˚C)
-
I
TRIG
-35
-
mA
Hold Current (85˚C)
-
I
HOLD
60
70
-
mA
Gate Trigger Voltage
Trigger Current
-
VBAT - 4
-
VBAT - 2
V
Reverse Leakage Current
VBAT
-
-
-
1.0
µA
ON State Voltage1
0.5A t = 0.5 ms
Von
--3
-
V
2.0A t = 0.5 ms
-
-
-5
-
V
1 Only for the CPC7583BA and CPC7583BC.
* Passes GR1089 and ITU-T K.20 with appropriate secondary protection in place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com