Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7583BC Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC7583BC
Description  Line Card Access Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7583BC Datasheet(HTML) 6 Page - Clare, Inc.

Back Button CPC7583BC Datasheet HTML 2Page - Clare, Inc. CPC7583BC Datasheet HTML 3Page - Clare, Inc. CPC7583BC Datasheet HTML 4Page - Clare, Inc. CPC7583BC Datasheet HTML 5Page - Clare, Inc. CPC7583BC Datasheet HTML 6Page - Clare, Inc. CPC7583BC Datasheet HTML 7Page - Clare, Inc. CPC7583BC Datasheet HTML 8Page - Clare, Inc. CPC7583BC Datasheet HTML 9Page - Clare, Inc. CPC7583BC Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.clare.com
6
Rev. E
CPC7583
Table 8. Additional Electrical Characteristics
PARAMETERS
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Digital Input Characteristics
Input Low Voltage
-
-
-
-
1.5
V
Input High Voltage
-
-
3.5
-
-
V
Input Leakage Current (High)
VDD = 5.5V, VBAT = -75V,
Ilog
-
0.1
1
µA
Vlog = 5V
Input Leakage Current (Low)
VDD = 5.5V, VBAT = -75V,
Ilog
-
0.1
1
µA
Vlog = 0V
Power Requirements
Power Dissipation
VDD = 5V, VBAT = -48V,
Idle/Talk State or All Off State
IDD, IBAT
-
5.0
7.5
mW
Ringing State or Test State
IDD
-
6.0
10
mW
VDD Current
VDD = 5V,
Idle/Talk State or All Off State
IDD
-
1.0
1.5
mA
Ringing State or Test State
IDD
-
1.2
1.9
mA
VBAT Current
VBAT = -48V,
Idle/Talk State or All Off State
IBAT
-4
10
µA
Ringing State or Test State
IBAT
-4
10
µA
Temperature Shutdown Requirements1
Shutdown Activation Temperature
-
-
110
125
150
oC
Shutdown Circuit Hysteresis
-
-
10
-
25
oC
1 Temperature shutdown flag (TSD) will be high during normal operation and low during temperature shutdown state.
Table 9. Make-Before-Break Operation (Ringing to Idle/Talk Transition)
Ring
Ring
Break
Return
Access
All Other
Switches
Switch
Switch
Test
Ring
Testin
Testout
TSD
State
Timing
1 & 2
3
4
Switches
5V
0V
0V
Float
Ringing
-
Open
Closed
Closed
Open
0V
0V
0V
Float
Make-before-break
SW4 waiting for next zero current
Closed
Open
Closed
Open
crossing to turn off. Maximum
time is half of ringing. In this
transition state, current that is
limited to the dc break switch
current limit value will be sourced
from the ring node of the SLIC
0V
0V
0V
Float
Idle / Talk
Zero cross current has occurred
Closed
Open
Open
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com