Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMC-3-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # GMC-3-R
Description  Medium Time Delay, 5 X 20 mm, Glass Tube Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GMC-3-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  GMC-3-R Datasheet HTML 1Page - Cooper Bussmann, Inc. GMC-3-R Datasheet HTML 2Page - Cooper Bussmann, Inc. GMC-3-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Electrical UL/CSA
Electrical IEC
Electronics
Consumer/Aftermarket
OEM Transportation
Terminal Blocks
Systems/Services/Software
Cooper Bussmann
Homepage
About Cooper Bussmann
Contact Us
Privacy
Legal
Cooper Bussmann® Brand
Site Map
GMC-3A
Medium Time Delay, 5 X 20 mm, Glass Tube Fuse
Product Information
Product Type:
Fuse
Product Family:
Electronic
Brand:
Cooper Bussmann
Recommended Products
Rec. Fuse Block:
HTC-15M
Rec. Inline Fuse
Holder:
HHT
Rec. Panel-mount
Fuse Holder:
HTB Series
Rec. Fuse Clips:
1A3399 Series
Physical Properties
Dimensions:
0.79in.(L) × 0.19in.(W) ×
0in.(H)
Electrical Properties
Maximum AC
Voltage:
250
Amperage Rating: 3
AC Interrupting
Ratings:
q
100 at 250V
q
10000 at 125V
Melting I²T:
19
Time Delay:
Yes
Resistance:
0.026
Voltage Drop:
130


Similar Part No. - GMC-3-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
GMC-3-R EATON-GMC-3-R Datasheet
431Kb / 2P
5 mm x 20 mm Medium time-delay glass tube fuses
More results

Similar Description - GMC-3-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMC-600-R COOPER-GMC-600-R Datasheet
275Kb / 2P
5 x 20mm Medium Time-Delay Glass Tube Fuses
C519-125-R COOPER-C519-125-R Datasheet
293Kb / 2P
5 x 15mm Time-Delay Glass Tube Fuses
logo
Eaton All Rights Reserv...
GDC EATON-GDC Datasheet
521Kb / 3P
5 mm x 20 mm Time-delay glass tube fuses
GMC EATON-GMC Datasheet
431Kb / 2P
5 mm x 20 mm Medium time-delay glass tube fuses
C515 EATON-C515 Datasheet
216Kb / 2P
5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
GMD EATON-GMD Datasheet
2Mb / 2P
5 mm x 20 mm Time-delay glass tube fuses
C519 EATON-C519 Datasheet
315Kb / 2P
5 mm x 15 mm Time-delay glass tube fuses
S505 EATON-S505 Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
S505SC EATON-S505SC Datasheet
1Mb / 6P
5 x 20 mm Time-delay, axial lead ceramic tube fuses
S506 EATON-S506 Datasheet
489Kb / 2P
5 mm x 20 mm Time-delay glass tube fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com