Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMC-3-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # GMC-3-R
Description  Medium Time Delay, 5 X 20 mm, Glass Tube Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GMC-3-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  GMC-3-R Datasheet HTML 1Page - Cooper Bussmann, Inc. GMC-3-R Datasheet HTML 2Page - Cooper Bussmann, Inc. GMC-3-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CURRENT IN AMPERES
100
10
1
.1
.01
AMPERE
RATING
TIME CURRENT CURVE
PACKAGING CODE
Packaging Code
Description
BK
100 pieces of fuses packed into a cardboard carton
BK1
1,000 pieces of fuses packed into a poly bag
TR2
1,500 pieces of fuses packed into tape on a reel (19.05mm lead wire length)
OPTION CODE
Option Code
Description
V
Axial leads - copper tinned wire with nickel plated brass overcaps
-R
RoHS compliant version
5mm x 20mm Fuses
GMC Series Medium Time Delay, Glass Tube



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com