Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMC-3-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # GMC-3-R
Description  Medium Time Delay, 5 X 20 mm, Glass Tube Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GMC-3-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  GMC-3-R Datasheet HTML 1Page - Cooper Bussmann, Inc. GMC-3-R Datasheet HTML 2Page - Cooper Bussmann, Inc. GMC-3-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Description
• Medium time delay, low breaking capacity
• Optional axial leads available
• 5mm x 20mm physical size
• Glass tube, nickel-plated brass endcap construction
• Designed to UL/CSA 248-14
Agency Information
• UL Listed, Guide JDYX, File E19180, 63mA-6.3A
• UL Recognized Card: (7A-10A) Guide JDYX2,
File E19180
• CSA Certified, Class 1422-01, File E65063, 63mA-6.3A
• MITI Approval, 1A-10A
• CCC Approval, 500mA-6.3A
Ordering
• Specify packaging, product, and option code
• For -R option, drop mA or A from product code
(i.e. GMC-2-R)
• Ratings above 6.3A have a 0.8mm diameter lead
• With TR2 packaging code, lead wire length is 19.05mm
±
5)
0
0.
5.2mm
(+0.1/-0.2)
38.10mm
0m
±
38)
.3
5.54mm
(±.20)
21.10mm
0
0m
(±. 1)
8
81
0.65mm
(REF)
38.10mm
0mm
0mm
(±. 8)
3
38)
Dimensions mm(inches)
*
Interrupting ratings: Interrupting ratings for 63mA - 6.3A were measured at 70% - 80% power factor on AC. The interrupting ratings for 7A - 10A were measured at 100% power factor on AC.
** DC Cold Resistance (Measured at <10% of rated current)
† Typical Pre-Arching I2t (I2t was measured at listed interrupting rating and rated voltage)
‡ Maximum Voltage drop (Voltage drop was measured at 20°C ambient temperature at rated current)
ELECTRICAL CHARACTERISTICS
Rated Current % of Amp Rating
Opening Time
100%
None
63mA - 10A
135%
60 minutes maximum
200%
2 minutes maximum
SPECIFICATIONS
Voltage
AC Interrupting
Typical DC Cold
Typical
Maximum
Product Code
Rating
Rating*
Resistance
Pre-Arc I2t
Voltage
AC
250V
125V
(ohms)**
AC†
Drop (mV)‡
GMC-63mA
250V
35A
10,000A
10.350
0.0027
1400
GMC-80mA
250V
35A
10,000A
-
0.0050
1400
GMC-100mA
250V
35A
10,000A
4.775
0.0094
1200
GMC-125mA
250V
35A
10,000A
3.400
0.014
1000
GMC-150mA
250V
35A
10,000A
2.555
0.022
800
GMC-160mA
250V
35A
10,000A
2.295
0.022
730
GMC-200mA
250V
35A
10,000A
1.395
0.032
650
GMC-250mA
250V
35A
10,000A
0.965
0.046
490
GMC-300mA
250V
35A
10,000A
0.838
0.081
580
GMC-315mA
250V
35A
10,000A
0.685
0.081
480
GMC-400mA
250V
35A
10,000A
0.615
0.18
510
GMC-500mA
250V
35A
10,000A
0.335
0.41
370
GMC-600mA
250V
35A
10,000A
0.282
0.60
360
GMC-630mA
250V
35A
10,000A
0.246
0.66
360
GMC-700mA
250V
35A
10,000A
0.213
0.85
340
GMC-750mA
250V
35A
10,000A
0.213
0.85
320
GMC-800mA
250V
35A
10,000A
0.180
0.85
290
GMC-1A
250V
35A
10,000A
0.156
1.8
250
GMC-1.25A
250V
100A
10,000A
0.098
3.4
200
GMC-1.5A
250V
100A
10,000A
0.076
5.4
190
GMC-1.6A
250V
100A
10,000A
0.067
5.8
160
GMC-2A
250V
100A
10,000A
0.043
8.9
130
GMC-2.5A
250V
100A
10,000A
0.035
13
130
GMC-3A
250V
100A
10,000A
0.026
19
130
GMC-3.15A
250V
100A
10,000A
0.025
23
130
GMC-3.5A
125V
-
10,000A
0.022
25
130
GMC-4A
125V
-
10,000A
0.019
36
120
GMC-5A
125V
-
10,000A
0.014
58
120
GMC-6A
125V
-
10,000A
0.013
88
120
GMC-6.3A
125V
-
10,000A
0.012
110
120
GMC-7A
125V
-
200A
0.012
150
120
GMC-8A
125V
-
200A
0.009
200
110
GMC-10A
125V
-
200A
0.007
300
110
5mm x 20mm Fuses
GMC Series Medium Time Delay, Glass Tube
RoHS
2002/95/EC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com