Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2291F Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2291F
Description  Three-PLL General Purpose EPROM Programmable Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2291F Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY2291F Datasheet HTML 2Page - Cypress Semiconductor CY2291F Datasheet HTML 3Page - Cypress Semiconductor CY2291F Datasheet HTML 4Page - Cypress Semiconductor CY2291F Datasheet HTML 5Page - Cypress Semiconductor CY2291F Datasheet HTML 6Page - Cypress Semiconductor CY2291F Datasheet HTML 7Page - Cypress Semiconductor CY2291F Datasheet HTML 8Page - Cypress Semiconductor CY2291F Datasheet HTML 9Page - Cypress Semiconductor CY2291F Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY2291
6
Electrical Characteristics, Industrial 3.3V
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VOH
HIGH-Level Output Voltage
IOH = 4.0 mA
2.4
V
VOL
LOW-Level Output Voltage
IOL = 4.0 mA
0.4
V
VOH–32
32.768-kHz HIGH-Level
Output Voltage
IOH = 0.5 mA
VBATT
0.5
V
VOL–32
32.768-kHz LOW-Level
Output Voltage
IOL = 0.5 mA
0.4
V
VIH
HIGH-Level Input Voltage[9]
Except crystal pins
2.0
V
VIL
LOW-Level Input Voltage[9]
Except crystal pins
0.8
V
IIH
Input HIGH Current
VIN = VDD–0.5V
< 1
10
µA
IIL
Input LOW Current
VIN = +0.5V
< 1
10
µA
IOZ
Output Leakage Current
Three-state outputs
250
µA
IDD
VDD Supply Current
[10]
Industrial
VDD = VDD max., 3.3V operation
50
70
mA
IDDS
VDD Power Supply Current in
Shutdown Mode[10]
Shutdown active,
excluding VBATT
CY2291I/CY2291FI
10
100
µA
IBATT
VBATT Power Supply Current
VBATT = 3.0V
5
15
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com