Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2291F Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY2291F
Description  Three-PLL General Purpose EPROM Programmable Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2291F Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY2291F Datasheet HTML 5Page - Cypress Semiconductor CY2291F Datasheet HTML 6Page - Cypress Semiconductor CY2291F Datasheet HTML 7Page - Cypress Semiconductor CY2291F Datasheet HTML 8Page - Cypress Semiconductor CY2291F Datasheet HTML 9Page - Cypress Semiconductor CY2291F Datasheet HTML 10Page - Cypress Semiconductor CY2291F Datasheet HTML 11Page - Cypress Semiconductor CY2291F Datasheet HTML 12Page - Cypress Semiconductor CY2291F Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CY2291
10
Switching Characteristics, Industrial 3.3V
Parameter
Name
Description
Min.
Typ.
Max.
Unit
t1
Output Period
Clock output range, 3.3V
operation
CY2291I
15
(66.6 MHz)
13000
(76.923 kHz)
ns
CY2291FI
16.66
(60 MHz)
13000
(76.923 kHz)
ns
Output Duty
Cycle[11]
Duty cycle for outputs, defined as t2 ÷ t1
[12]
fOUT > 66 MHZ
40%
50%
60%
Duty cycle for outputs, defined as t2 ÷ t1
[12]
fOUT < 66 MHZ
45%
50%
55%
t3
Rise Time
Output clock rise time[13]
35
ns
t4
Fall Time
Output clock fall time[13]
2.54ns
t5
Output Disable
Time
Time for output to enter three-state mode after
SHUTDOWN/OE goes LOW
10
15
ns
t6
Output Enable
Time
Time for output to leave three-state mode after
SHUTDOWN/OE goes HIGH
10
15
ns
t7
Skew
Skew delay between any identical or related out-
puts[3, 12, 15]
< 0.25
0.5
ns
t8
CPUCLK Slew
Frequency transition rate
1.0
20.0
MHz/
ms
t9A
Clock Jitter[14]
Peak-to-peak period jitter (t9A Max. – t9A min.),
% of clock period (fOUT < 4 MHz)
<0.5
1
%
t9B
Clock Jitter[14]
Peak-to-peak period jitter (t9B Max. – t9B min.)
(4 MHz < fOUT < 16 MHz)
<0.7
1
ns
t9C
Clock Jitter[14]
Peak-to-peak period jitter
(16 MHz < fOUT < 50 MHz)
<400
500
ps
t9D
Clock Jitter[14]
Peak-to-peak period jitter
(fOUT > 50 MHz)
<250
350
ps
t10A
Lock Time for
CPLL
Lock Time from Power-Up
<25
50
ms
t10B
Lock Time for
UPLL and SPLL
Lock Time from Power-Up
<0.25
1
ms
Slew Limits
CPU PLL Slew Limits
CY2291I
8
66.6
MHz
CY2291FI
8
60
MHz
Switching Waveforms
All Outputs, Duty Cycle and Rise/Fall Time
t1
OUTPUT
t2
t3
t4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com