Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2291F Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY2291F
Description  Three-PLL General Purpose EPROM Programmable Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2291F Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY2291F Datasheet HTML 5Page - Cypress Semiconductor CY2291F Datasheet HTML 6Page - Cypress Semiconductor CY2291F Datasheet HTML 7Page - Cypress Semiconductor CY2291F Datasheet HTML 8Page - Cypress Semiconductor CY2291F Datasheet HTML 9Page - Cypress Semiconductor CY2291F Datasheet HTML 10Page - Cypress Semiconductor CY2291F Datasheet HTML 11Page - Cypress Semiconductor CY2291F Datasheet HTML 12Page - Cypress Semiconductor CY2291F Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
CY2291
12
Document #: 38-00945-**
CyClocks is a trademark of Cypress Semiconductor Corporation.
Pentium is a registered trademark of Intel Corporation.
Custom Configuration Request Procedure
The CY229x are EPROM-programmable devices that may be configured in the factory or in the field by a Cypress Field Application
Engineer (FAE). The output frequencies requested will be matched as closely as the internal PLL divider and multiplier options
allow. All custom requests must be submitted to your local Cypress FAE or sales representative. The method to use to request
custom configurations is:
Use CyClocks™ software. This software automatically calculates the output frequencies that can be generated by the CY229x
devices and provides a print-out of final pinout which can be submitted (in electronic or print format) to your local FAE or sales
representative. The CyClocks software is available free of charge from the Cypress website (http://www.cypress.com) or from
your local sales representative.
Once the custom request has been processed you will receive a part number with a 3-digit extension (e.g., CY2292SC-128)
specific to the frequencies and pinout of your device. This will be the part number used for samples requests and production
orders.
Ordering Information
Ordering Code
Package
Name
Package Type
Operating
Range
Operating
Voltage
CY2291SC–XXX
S5
20-Pin SOIC
Commercial
5.0V
CY2291SL–XXX
S5
20-Pin SOIC
Commercial
3.3V
CY2291F
S5
20-Pin SOIC
Commercial
3.3V or 5.0V
CY2291SI–XXX
S5
20-Pin SOIC
Industrial
3.3V or 5.0V
CY2291FI
S5
20-Pin SOIC
Industrial
3.3V or 5.0V
Package Characteristics
Package
θ
JA (C/W)
θ
JC (C/W)
Transistor Count
20-pin SOIC
125
25
9271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com