Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USMS05G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # USMS05G-AG6-R
Description  TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USMS05G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  USMS05G-AG6-R Datasheet HTML 1Page - Unisonic Technologies USMS05G-AG6-R Datasheet HTML 2Page - Unisonic Technologies USMS05G-AG6-R Datasheet HTML 3Page - Unisonic Technologies USMS05G-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
USMS05
Preliminary
TVS
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R215-008.a
TVS DIODE ARRAY FOR ESD
AND LATCH-UP PROTECTION
DESCRIPTION
The UTC USMS05 is TVS diode array, it uses UTC’s advanced
technology to provide customers with low leakage current, low
operating and clamping voltage, etc.
The UTC USMS05 is suitable for ESD and latch-up protection.
FEATURES
* 4 Protect I/O lines
* Low leakage current (Max.=20μA @ VRWM=5V, T=25°C)
* Low operating and clamping voltages
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
USMS05L-AG6-R
USMS05G-AG6-R
SOT-26
Tape Reel
USMS05L-AG6-R
(1)Packing Type
(2)Package Type
(3)Halogen Free
(1) R: Tape Reel
(2) AG6 : SOT-26
(3) L: Lead Free, G: Halogen Free
MARKING


Similar Part No. - USMS05G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
USMS05C LEIDITECH-USMS05C Datasheet
1Mb / 4P
4-Line Bi-direction TVS Diode Array
More results

Similar Description - USMS05G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMF05 SEMTECH-SMF05 Datasheet
160Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection?
SMF05C SEMTECH-SMF05C Datasheet
151Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
SMS05 SEMTECH-SMS05 Datasheet
161Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
SMS05C SEMTECH-SMS05C Datasheet
164Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
SMF05C SEMTECH-SMF05C_04 Datasheet
153Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
SMS05C SEMTECH-SMS05C_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com