Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSHC Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NSHC
Description  Stacked Film Capacitor Chips
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSHC Datasheet(HTML) 3 Page - NIC-Components Corp.

  NSHC Datasheet HTML 1Page - NIC-Components Corp. NSHC Datasheet HTML 2Page - NIC-Components Corp. NSHC Datasheet HTML 3Page - NIC-Components Corp. NSHC Datasheet HTML 4Page - NIC-Components Corp. NSHC Datasheet HTML 5Page - NIC-Components Corp. NSHC Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OUTLINE DRAWING
Terminations:
Stacked Element
L
1
H
W
p
p
L
2
95.5% Sn, 4% Ag and
0.5% Cu over phenolic
resin/Ag/Ni/Cu over copper
base
Part Number
Cap.
Value
Cap.
Code
Size
Code
Length
L ±0.2
Width
W
Height
H ±0.2
p
EIA
NSHC101J50TRA1F
100pF
101
A1
2.0
1.25 ± 0.2
0.9
0.45 ± 0.25
0805
NSHC121J50TRA1F
120
121
A1
NSHC151J50TRA1F
150
151
A1
NSHC181J50TRA1F
180
181
A1
NSHC221J50TRA1F
220
221
A1
NSHC271J50TRA1F
270
271
A1
NSHC331J50TRA1F
330
331
A1
NSHC391J50TRA1F
390
391
A1
NSHC471J50TRA1F
470
471
A1
NSHC561J50TRA1F
560
561
A1
NSHC681J50TRA1F
680
681
A1
NSHC821J50TRA1F
820
821
A1
NSHC102J50TRA1F
0.001
102
A1
NSHC122J50TRA1F
0.0012
122
A1
NSHC152J50TRA1F
0.0015
152
A1
NSHC182J50TRA1F
0.0018
182
A1
NSHC222J50TRA1F
0.0022
222
A1
NSHC272J50TRA1F
0.0027
272
A1
NSHC332J50TRB1F
0.0033
332
B1
3.2
1.6 ± 0.2
0.9
0.65 ± 0.35
1206
NSHC392J50TRB1F
0.0039
392
B1
NSHC472J50TRB1F
0.0047
472
B1
NSHC562J50TRB1F
0.0056
562
B1
NSHC682J50TRB1F
0.0068
682
B1
NSHC822J50TRB2F
0.0082
822
B2
1.1
NSHC103J50TRB2F
0.010
103
B2
NSHC123J50TRC1F
0.012
123
C1
3.2
2.5 ± 0.2
1.1
0.65 ± 0.35
1210
NSHC153J50TRC1F
0.015
153
C1
NSHC183J50TRC2F
0.018
183
C2
1.5
NSHC223J50TRC2F
0.022
223
C2
NSHC273J50TRC2F
0.027
273
C2
NSHC333J50TRC3F
0.033
333
C3
2.1
NSHC393J50TRC3F
0.039
393
C3
NSHC473J50TRD5F
0.047
473
D5
4.8
3.3 ± 0.3
1.5
0.80 ± 0.30
1913
NSHC563J50TRD5F
0.056
563
D5
NSHC683J50TRD5F
0.068
683
D5
NSHC823J50TRD6F
0.082
823
D6
2.1
NSHC104J50TRD6F
0.10
104
D6
NSHC124J50TRE6F
0.12
124
E6
6.0
4.1 ± 0.3
1.9
0.80 ± 0.30
2416
NSHC154J50TRE6F
0.15
154
E6
NSHC184J50TRE7F
0.18
184
E7
2.5
NSHC224J50TRE8F
0.22
224
E8
2.8
50V STANDARD PRODUCTS AND CASE SIZES
Stacked Film Capacitor Chips
NSHC Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com