Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSHC Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NSHC
Description  Stacked Film Capacitor Chips
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSHC Datasheet(HTML) 4 Page - NIC-Components Corp.

  NSHC Datasheet HTML 1Page - NIC-Components Corp. NSHC Datasheet HTML 2Page - NIC-Components Corp. NSHC Datasheet HTML 3Page - NIC-Components Corp. NSHC Datasheet HTML 4Page - NIC-Components Corp. NSHC Datasheet HTML 5Page - NIC-Components Corp. NSHC Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Stacked Film Capacitor Chips
NSHC Series
TAPE AND REEL DIMENSIONS (mm)
21.0
±0.8
17.4
±1.0
13.4
±1.0
2.0
±0.5
13.0
±0.5
EMBOSSED PLASTIC CARRIER
1.5 +0.1
-0
P
t
C
A
4.0 ±0.1
D
∅
Case Code
A±0.1
B±0.1
C±0.2
t ± 0.05
W±0.3
F ± 0.05
P±0.1
D+0.2/-0
E ± 2.0
Qty/Reel
J1
1.00
1.85
1.0
0.20
8.0
3.50
4.0
-
180
4,000
A1
1.55
2.3
1.3
0.25
8.0
3.50
4.0
1.0
180
3,000
A2
1.55
2.3
1.3
0.25
8.0
3.50
4.0
1.0
180
3,000
B1
1.9
3.5
1.5
0.25
8.0
3.50
4.0
1.0
180
3,000
B2
1.9
3.5
1.5
0.25
8.0
3.50
4.0
1.0
180
3,000
B3
1.9
3.5
1.9
0.25
8.0
3.50
4.0
1.0
180
2,000
C2
2.8
3.5
1.9
0.25
8.0
3.50
4.0
1.0
180
2,000
C3
2.8
3.5
2.5
0.25
8.0
3.50
4.0
1.0
180
2,000
D5
3.8
5.1
2.0
0.30
12.0
5.50
8.0
1.5
330
3,000
D6
3.8
5.1
2.6
0.30
12.0
5.50
8.0
1.5
330
3,000
E6
4.6
6.3
2.7
0.30
12.0
5.50
8.0
-
330
3,000
E7
4.6
6.3
3.5
0.30
12.0
5.50
8.0
-
330
2,000
E8
4.6
6.3
3.5
0.30
12.0
5.50
8.0
-
330
2,000
NSHC 103 J 16 TR A2 F
RoHS compliant
Size Code
Tape & Reel
Voltage
Tolerance Code: J=±5%, G=±2%
Capacitance in pF, 1st two digits are
significant, 3rd digit is no. of zeros
Series
PART NUMBER SYSTEM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com