Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSHC Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NSHC
Description  Stacked Film Capacitor Chips
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSHC Datasheet(HTML) 6 Page - NIC-Components Corp.

  NSHC Datasheet HTML 1Page - NIC-Components Corp. NSHC Datasheet HTML 2Page - NIC-Components Corp. NSHC Datasheet HTML 3Page - NIC-Components Corp. NSHC Datasheet HTML 4Page - NIC-Components Corp. NSHC Datasheet HTML 5Page - NIC-Components Corp. NSHC Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Stacked Film Capacitor Chips
NSHC 100V Series
STANDARD PRODUCTS, SIZE CODE AND DIMENSIONS (mm)
OUTLINE DRAWING
NSHC 103 J 100 TR D1 F
RoHS compliant
Size Code
Tape & Reel
Voltage
Tolerance Code: J=±5%, G=±2%
Capacitance in pF, 1st two digits are
significant, 3rd digit is no. of zeros
Series
PART NUMBER SYSTEM
Part Number
Cap.
Code
Working Voltage (VDC)
Length
L
Width
W
Height
H
p
EIA
Size Code
Reel
Quantity
100V
NSHC103J100TRD1F
0.010
103
D1
4.8 ± 0.2
3.3 ± 0.3
1.4 ± 0.2
0.35 ± 0.2
1913
3000
NSHC123J100TRD1F
0.012
123
D1
NSHC153J100TRD2F
0.015
153
D2
2.0 ± 0.2
NSHC183J100TRD2F
0.018
183
D2
NSHC223J100TRD3F
0.022
223
D3
2.4 ± 0.2
2000
NSHC273J100TRD4F
0.027
273
D4
2.8 ± 0.2
NSHC333J100TRE1F
0.033
333
E1
6.0 ± 0.2
4.1 ± 0.3
1.8 ± 0.2
2416
3000
NSHC393J100TRE2F
0.039
393
E2
2.0 ± 0.2
NSHC473J100TRE3F
0.047
473
E3
2.4 ± 0.2
2000
NSHC563J100TRE4F
0.056
563
E4
2.8 ± 0.2
NSHC683J100TRE5F
0.068
683
E5
3.2 ± 0.2
NSHC823J100TRG2F
0.082
823
G2
7.1 ± 0.4
5.0 ± 0.4
2.8 ± 0.3
2820
1500
NSHC104J100TRG3F
0.10
104
G3
3.0 ± 0.3
NSHC124J100TRG5F
0.12
124
G5
3.4 ± 0.3
NSHC154J100TRH2F
0.15
154
H2
6.3 ± 0.4
3.4 ± 0.3
2825
1000
NSHC184J100TRH4F
0.18
184
H4
4.0 ± 0.3
NSHC224J100TRH6F
0.22
224
H6
4.8 ± 0.3
Stacked Element Terminations:
L
1
H
W
p
p
L
2
95.5% Sn, 4% Ag and
0.5% Cu over phenolic
resin/Ag/Ni/Cu over copper
base
TAPE DIMENSIONS (mm)
21.0
±0.8
17.4
±1.0
13.4
±1.0
2.0
±0.5
13.0
±0.5
EMBOSSED PLASTIC CARRIER
1.5 +0.1
-0
P
t
C
A
4.0 ±0.1
D
∅
Case Code A±0.1 B±0.1 C±0.2
t
W±0.3
F
P±0.1 D+0.2/-0 Qty/Reel
D1
3.8
5.1
2.0
0.3
±0.05
12.0
5.5
±0.05
8.0
1.5
3,000
D2
2.6
3,000
D3, D4
3.4
2,000
E1, E2
4.6
6.3
2.7
-
3,000
E3, E4
3.5
2,000
E5
4.6
2,000
G2 ~ G5
5.5
7.5
4.7
1,500
H2 ~ H6
6.91
8.43
5.686 0.343 ±
0.013
16
7.5 ±
0.1
12
1.5
1,000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com