Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIL-R-83401 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MIL-R-83401
Description  MODEL L SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MIL-R-83401 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MIL-R-83401 Datasheet HTML 1Page - List of Unclassifed Manufacturers MIL-R-83401 Datasheet HTML 2Page - List of Unclassifed Manufacturers MIL-R-83401 Datasheet HTML 3Page - List of Unclassifed Manufacturers MIL-R-83401 Datasheet HTML 4Page - List of Unclassifed Manufacturers MIL-R-83401 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL L SERIES
L Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
03.12
· Thick Film
· Low Profile SIP
· Conformal Coated
· Resistor Networks
· RoHS Compliant
Electrical
Environmental
Standard Resistance Range, Ohms
1%: 22R - 1M; 2%:10R - 5M6; 5%: 10R - 10M
Standard Resistance Tolerance, at 25°C
±2%
Optional: ±1% (F Tol.), ±5% (J Tol.)
Operating Temperature Range
-55°C to +125°C
Temperature Coefficient of Resistance
±100ppm/°C (<50 Ohms = ±250ppm/°C)
Temperature Coefficient of Resistance, Tracking
±50ppm/°C
Maximum Operating Voltage
100Vdc or
√PR
Insulation Resistance
≥10,000 Megohms
Thermal Shock plus Power Conditioning
ΔR 0.70%
Short Time Overload
ΔR 0.25%
Terminal Strength
ΔR 0.25%
Moisture Resistance
ΔR 0.50%
Mechanical Shock
ΔR 0.25%
Vibration
ΔR 0.25%
Low Temperature Storage
ΔR 0.25%
High Temperature Exposure
ΔR 0.50%
Load Life, 1,000 Hours
ΔR 1.00%
Resistance to Solder Heat (Per MIL-STD-202, Method 210, Cond.B)
ΔR 0.25%
Dielectric Withstand Voltage
200V for 1 minute
Marking Permanency
MIL-STD 202, Method 215
Lead Solderability
MIL-STD 202, Method 208
Flammability
UL-94V-O Rated
Storage Temperature Range
-55°C to +150°C
Specifications subject to change without notice.


Similar Part No. - MIL-R-83401

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
MIL-R-83401 TTELEC-MIL-R-83401 Datasheet
208Kb / 5P
SIL Resistor Network
More results

Similar Description - MIL-R-83401

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
XR-4880 SONY-XR-4880 Datasheet
1Mb / 7P
AEP Model UK Model
DVP-C600D SONY-DVP-C600D Datasheet
7Mb / 26P
US Model, Canadian Model, Mexican Model
logo
Voltage Multipliers Inc...
1N5554 VMI-1N5554 Datasheet
48Kb / 1P
Spice Model
logo
NEC
PSLP0E226M NEC-PSLP0E226M Datasheet
170Kb / 8P
PL/L Series
logo
List of Unclassifed Man...
L101S103LF ETC2-L101S103LF Datasheet
169Kb / 5P
MODEL L SERIES
logo
Kemet Corporation
L0603C100KSMST KEMET-L0603C100KSMST Datasheet
759Kb / 32P
Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
logo
LG Semicon Co.,Ltd.
LEMWS59T80FZ10 LG-LEMWS59T80FZ10 Datasheet
1Mb / 31P
MODEL NAME LEMWS59T80 Series
logo
Connor-Winfield Corpora...
OX914XS3 CONNOR-WINFIELD-OX914XS3 Datasheet
600Kb / 4P
Connor-Winfield model series
logo
CITIZEN ELECTRONICS CO....
L-CM011-C6N CITIZEN-L-CM011-C6N Datasheet
217Kb / 9P
These specifications are applied to the Lighting module, model L-CM series
L-CM011-MC6L1 CITIZEN-L-CM011-MC6L1 Datasheet
217Kb / 9P
These specifications are applied to the Lighting module, model L-CM series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com