Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIL-R-83401 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MIL-R-83401
Description  MODEL L SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MIL-R-83401 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MIL-R-83401 Datasheet HTML 1Page - List of Unclassifed Manufacturers MIL-R-83401 Datasheet HTML 2Page - List of Unclassifed Manufacturers MIL-R-83401 Datasheet HTML 3Page - List of Unclassifed Manufacturers MIL-R-83401 Datasheet HTML 4Page - List of Unclassifed Manufacturers MIL-R-83401 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL L SERIES
L Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
03.12
Ordering Information
Applicable Documents
MIL-R-83401 — Resistor Networks, Fixed, Film, General Specifications
MIL-STD-105 — Sampling Procedures and Tables for Inspection by Attributes
MIL-STD-202 — Test Methods for Electronic and Electrical Component Parts
L 08 5 S 331 / 471 F LF XX
Model Series
Number of Leads:
4 thru 14
Circuit Type:
3 = Isolated
1 = Bussed
5 = Dual Terminator
G3T = Ammo Pack, Steel Leads only
3 leads only attached to tape.*
M1 or M2 = Tube **
(No code used for standard bulk packaging.)
LF: RoHS Compliant
Tolerance Code:
F = ±1%
J = ±5%
(No code used for 2% standard.)
R2 Resistance Code:
(Add for -5 circuit only)
Resistance Code:
First 2 digits are significant.
Last digit denotes number of trailing zeros.
For "F" tolerance first 3 digits are significant.
Fourth digit denotes number of trailing zeros.
* Refer to Packaging for Automation section (Page A-3) for Ammo Pack capacity and dimensions.
** Refer to Packaging for Automation section (Page A-4) for M1 and M2 tube capacity and dimensions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com