Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIL-R-83401 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MIL-R-83401
Description  MODEL L SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MIL-R-83401 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MIL-R-83401 Datasheet HTML 1Page - List of Unclassifed Manufacturers MIL-R-83401 Datasheet HTML 2Page - List of Unclassifed Manufacturers MIL-R-83401 Datasheet HTML 3Page - List of Unclassifed Manufacturers MIL-R-83401 Datasheet HTML 4Page - List of Unclassifed Manufacturers MIL-R-83401 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL L SERIES
L Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
03.12
Typical Part Marking
Packaging
L
Logo
Lead #1 Indicator
Model
Series
Resistance Code
Date
Code
Number
Of Leads
Circuit Type
8 3 S 103
Logo
4 Leads Only
Lead #1 Indicator
Resistance Code
Date
Code
Circuit Type & I.D. Code
B 104
Standard:
Bulk:
Quantity
=
4 -10 pins: 200 per bag, 1000 per box
11 -14 pins: 100 per bag, 500 per box
Option:
Tape in Ammo Box (4 - 10 pins only).
All Units oriented with lead #1 to the left of direction of feed.
Tape:
Width
=
18mm
Pitch
=
12.7mm
Ammo Box:
Capacity
=
1,000 units per box. 12,000 units per carton



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com