Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP45DT01 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MP45DT01
Description  MEMS audio sensor omni-directional digital microphone
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP45DT01 Datasheet(HTML) 3 Page - STMicroelectronics

  MP45DT01 Datasheet HTML 1Page - STMicroelectronics MP45DT01 Datasheet HTML 2Page - STMicroelectronics MP45DT01 Datasheet HTML 3Page - STMicroelectronics MP45DT01 Datasheet HTML 4Page - STMicroelectronics MP45DT01 Datasheet HTML 5Page - STMicroelectronics MP45DT01 Datasheet HTML 6Page - STMicroelectronics MP45DT01 Datasheet HTML 7Page - STMicroelectronics MP45DT01 Datasheet HTML 8Page - STMicroelectronics MP45DT01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP45DT01
Pin description
Doc ID 17801 Rev 1
3/11
1
Pin description
Figure 1.
Pin connection
Table 2.
Pin description
Pin #
Pin name
Function
1
GND
0 V supply
2LR
Left/right channel selection;
MIC1 LR connected to GND/Vdd and MIC2 LR connected to
Vdd/GND (see
Figure 3)
3
GND
0 V supply
4
CLK
Syncronization input clock
5
DOUT
Left/Right PDM data output
6
Vdd
Power supply
( TOP VIEW )
( BO TTOM V IEW)
DOUT
CLK
Vdd
LR
GND
GND
1
3
4
5
AM07926V1
6
5
4
1
2
3
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com