Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP45DT01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MP45DT01
Description  MEMS audio sensor omni-directional digital microphone
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP45DT01 Datasheet(HTML) 1 Page - STMicroelectronics

  MP45DT01 Datasheet HTML 1Page - STMicroelectronics MP45DT01 Datasheet HTML 2Page - STMicroelectronics MP45DT01 Datasheet HTML 3Page - STMicroelectronics MP45DT01 Datasheet HTML 4Page - STMicroelectronics MP45DT01 Datasheet HTML 5Page - STMicroelectronics MP45DT01 Datasheet HTML 6Page - STMicroelectronics MP45DT01 Datasheet HTML 7Page - STMicroelectronics MP45DT01 Datasheet HTML 8Page - STMicroelectronics MP45DT01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
August 2010
Doc ID 17801 Rev 1
1/11
11
MP45DT01
MEMS audio sensor
omni-directional digital microphone
Features
■ Single supply voltage operation
■ Low power consumption
■ 120 dBSPL acoustic overload point
■ Omni-directional sensitivity
■ PDM single-bit output with stereo operation
support
■ HLGA package
■ ECOPACK® RoHS and “Green” compliant
Applications
■ Mobile terminals
■ Laptop and notebook computers
■ Portable media players
■ VoIP
■ Speech recognition
■ A/V eLearning devices
■ Gaming and virtual reality input devices
■ Digital still and video cameras
■ Antitheft systems
Description
The MP45DT01 is a compact low-power
microphone built up with a sensing element and
an IC interface with stereo operation capability.
The sensing element, capable of detecting
acoustic waves, is manufactured using a
specialized silicon micromachining process to
produce audio sensors.
The IC interface is manufactured using a CMOS
process that allows to design a dedicated circuit
able to provide a digital signal to the external
world in PDM format.
The MP45DT01 has an acoustic overload point of
120 dBSPL with 58 dB signal to noise ratio.
The MP45DT01 is available in SMD compliant
package and it is guaranteed to operate over an
extended temperature range from -30 °C to +85
°C.
HLGA 4.72 x 3.76 6LD
Table 1.
Device summary
Order code
Temperature range [°C]
Package
Packing
MP45DT01
-30 to +85
HLGA 4.72x3.76 6LD
Tray
MP45DT01TR
-30 to +85
HLGA 4.72x3.76 6LD
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - MP45DT01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP45DT02 STMICROELECTRONICS-MP45DT02 Datasheet
362Kb / 16P
MEMS audio sensor omnidirectional digital microphone
05-Jul-2012
MP45DT02-M STMICROELECTRONICS-MP45DT02-M Datasheet
415Kb / 16P
MEMS audio sensor omnidirectional digital microphone
13-Jun-2016
MP45DT02TR STMICROELECTRONICS-MP45DT02TR Datasheet
362Kb / 16P
MEMS audio sensor omnidirectional digital microphone
05-Jul-2012
MP45DT02TR-M STMICROELECTRONICS-MP45DT02TR-M Datasheet
415Kb / 16P
MEMS audio sensor omnidirectional digital microphone
13-Jun-2016
More results

Similar Description - MP45DT01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
MEMS audio sensor omnidirectional digital microphone
04-Jan-2012
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
MEMS audio sensor omnidirectional digital microphone
07-Jun-2013
MP45DT02 STMICROELECTRONICS-MP45DT02 Datasheet
362Kb / 16P
MEMS audio sensor omnidirectional digital microphone
05-Jul-2012
MP34DT01-M STMICROELECTRONICS-MP34DT01-M Datasheet
753Kb / 17P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
MP34DT02 STMICROELECTRONICS-MP34DT02 Datasheet
762Kb / 16P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
MP34DB02 STMICROELECTRONICS-MP34DB02 Datasheet
372Kb / 17P
MEMS audio sensor omnidirectional digital microphone
28-Apr-2016
MP34DT04 STMICROELECTRONICS-MP34DT04 Datasheet
649Kb / 21P
MEMS audio sensor omnidirectional digital microphone
04-Nov-2016
MP34DT05 STMICROELECTRONICS-MP34DT05 Datasheet
633Kb / 21P
MEMS audio sensor omnidirectional digital microphone
04-Nov-2016
MP45DT02-M STMICROELECTRONICS-MP45DT02-M Datasheet
415Kb / 16P
MEMS audio sensor omnidirectional digital microphone
13-Jun-2016
MP34DT06J STMICROELECTRONICS-MP34DT06J Datasheet
1Mb / 20P
MEMS audio sensor omnidirectional digital microphone
30-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com