Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP45DT01 Datasheet(PDF) 4 Page - STMicroelectronics

Part # MP45DT01
Description  MEMS audio sensor omni-directional digital microphone
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP45DT01 Datasheet(HTML) 4 Page - STMicroelectronics

  MP45DT01 Datasheet HTML 1Page - STMicroelectronics MP45DT01 Datasheet HTML 2Page - STMicroelectronics MP45DT01 Datasheet HTML 3Page - STMicroelectronics MP45DT01 Datasheet HTML 4Page - STMicroelectronics MP45DT01 Datasheet HTML 5Page - STMicroelectronics MP45DT01 Datasheet HTML 6Page - STMicroelectronics MP45DT01 Datasheet HTML 7Page - STMicroelectronics MP45DT01 Datasheet HTML 8Page - STMicroelectronics MP45DT01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Acoustic and electrical specifications
MP45DT01
4/11
Doc ID 17801 Rev 1
2
Acoustic and electrical specifications
2.1
Acoustic and electrical characteristics
Characteristics @ Vdd = 1.8 V, Clock = 2.4 MHz, T = 25 °C unless otherwise noted.
Table 3.
Electrical characteristics
Symbo
l
Parameter
Test condition
Min.
Typ.(1)
1.
Typical specifications are not guaranteed.
Max.
Unit
Vdd
Supply voltage
1.64
1.8
3.6
V
Idd
Current consumption in
normal mode
No load on data line
0.65
mA
IddPdn
Current consumption in
power-down mode(2)
2.
Input clock in static mode.
20
µA
Scc
Short circuit current
1
10
mA
AOP
Acoustic overload point
120
dBSP
L
So
Sensitivity
-26
dBFS
SNR
Signal to noise ratio
A-weighted @1 kHz,
1Pa
58
dB
PSR
Power supply rejection
guaranteed by
design(3)
3.
Test signal: 217Hz square wave, 100 mVpp on Vdd pin.
-70
dBFS
Clock
Input clock frequency(4)
4.
Duty cycle: min=40% max=60%.
1
2.4
3.25
MHz
TWK
Wake up time (5)
5.
Time from the first clock edge to valid output data.
guaranteed by design
10
ms
Top
Operating temperature
range
-30
+85
°C
Table 4.
Distorsion specifications
Parameter
Test condition
Value
Distorsion
100 dBSPL (50Hz - 4kHz)
<1 % THD + N
Distorsion
115 dBSPL (1kHz)
<5 % THD + N
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com