Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1688 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1688
Description  3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1688 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1688 Datasheet HTML 1Page - Dallas Semiconductor DS1688 Datasheet HTML 2Page - Dallas Semiconductor DS1688 Datasheet HTML 3Page - Dallas Semiconductor DS1688 Datasheet HTML 4Page - Dallas Semiconductor DS1688 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS1688/DS1691
030598 2/5
IRQ
– Interrupt Request Output
SQW
– Square Wave Output
VCCI
– +3 or +5 Volt Main Supply
GND
– Ground
VBAT
– Battery + Supply
VBAUX
– Auxiliary Battery Supply
PSEL
– +3 or +5 Volt Power Select
CEI
– RAM Chip Enable In
CEO
– RAM Chip Enable Out
DESCRIPTION
The DS1688/DS1691 is a real time clock (RTC) de-
signed as a successor to the industry standard DS1285,
DS1385, DS1485, and DS1585 PC real time clocks.
This device provides the industry standard DS1285
clock function with the new feature of either +3.0 or +5.0
volt operation and automatic backup and write protec-
tion to an external SRAM. The DS1688 also incorpo-
rates a number of enhanced features including a silicon
serial number, power on/off control circuitry, 114 bytes of
user NVSRAM, power on elapsed timer, and power
cycle counter.
Each DS1688/DS1691 is individually manufactured
with a unique 64–bit serial number as well as an addi-
tional 64–bit customer specific ROM or serial number.
The serial number is programmed and tested at Dallas
to insure that no two devices are alike. The serial num-
ber can be used to electronically identify a system for
purposes such as establishment of a network node ad-
dress or for maintenance tracking. Blocks of available
numbers from Dallas Semiconductor can be reserved
by the customer.
The serialized RTC’s also incorporate power control cir-
cuitry which allows the system to be powered on via an
external stimulus, such as a keyboard or by a time and
date (wake up) alarm. The PWR output pin can be trig-
gered by one or either of these events, and can be used
to turn on an external power supply. The PWR pin is un-
der software control, so that when a task is complete,
the system power can then be shut down.
The DS1688/DS1691 incorporates a power on elapsed
time counter, a power on cycle counter, and a battery
powered continuous counter. These three counters
provide valuable information for maintenance and war-
ranty requirements.
Automatic backup and write protection for an external
SRAM is provided through the VCCO and CEO pins. The
lithium energy source used to permanently power the real
time clock is also used to retain RAM data in the absence
of VCC power through the VCCO pin. The chip enable out-
put to RAM (CEO) is controlled during power transients to
prevent data corruption.
The DS1688 is a clock/calendar chip with the features
described above. An external crystal and battery are
the only components required to maintain time–of–day
and memory status in the absence of power.
The
DS1691 incorporates the DS1688 chip, a 32.768 KHz
crystal, and a lithium battery in a complete, self–con-
tained timekeeping module.
The entire unit is fully
tested at Dallas Semiconductor such that a minimum of
10 years of timekeeping and data retention in the
absence of VCC is guaranteed.
For a complete description of operating conditions,
electrical characteristics, bus timing, and pin descrip-
tions
other
than
the
SQW
output,
see
the
DS1689/DS1693 data sheet.
SIGNAL DESCRIPTION
SQW (Square Wave Output) – The SQW output signal
functions identical to the DS1689/DS1693 with an
exception occurring at power–up. A 32 KHz square
wave will be output on this pin, tREC, after a power–up
condition has been detected. This condition sets the fol-
lowing bits enabling the 32 KHz output; DV1=1,
SQWE=1, and E32K=1. The square wave will be output
on this pin if either SQWE=1 or E32K=1.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com