Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1688 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1688
Description  3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1688 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1688 Datasheet HTML 1Page - Dallas Semiconductor DS1688 Datasheet HTML 2Page - Dallas Semiconductor DS1688 Datasheet HTML 3Page - Dallas Semiconductor DS1688 Datasheet HTML 4Page - Dallas Semiconductor DS1688 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS1688/DS1691
030598 3/5
DS1688 28–PIN DIP
1
C
A
B
D
H
J
K
G
E
F
DIM
MIN
MAX
28–PIN
PKG
A IN.
1.445
1.470
MM
36.70
37.34
B IN.
0.530
0.550
MM
13.46
13.97
C IN.
0.140
0.160
MM
3.56
4.06
D IN.
0.600
0.625
MM
15.24
15.88
E IN.
0.015
0.040
MM
0.38
1.02
F IN.
0.120
0.145
MM
3.05
3.68
G IN.
0.090
0.110
MM
2.29
2.79
H IN.
0.625
0.675
MM
15.88
17.15
J IN.
0.008
0.012
MM
0.20
0.30
K IN.
0.015
0.022
MM
0.38
0.56



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com