Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1688 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1688
Description  3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1688 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1688 Datasheet HTML 1Page - Dallas Semiconductor DS1688 Datasheet HTML 2Page - Dallas Semiconductor DS1688 Datasheet HTML 3Page - Dallas Semiconductor DS1688 Datasheet HTML 4Page - Dallas Semiconductor DS1688 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS1688/DS1691
030598 4/5
DS1688S 28–PIN SOIC
H
B
J
K
G
C
E
A
F
D
0–8 deg. typ.
DIM
MIN
MAX
28–PIN
PKG
A IN.
0.706
0.728
MM
17.93
18.49
B IN.
0.338
0.350
MM
8.58
8.89
C IN.
0.086
0.110
MM
2.18
2.79
D IN.
0.020
0.050
MM
0.58
1.27
E IN.
0.002
0.014
MM
0.05
0.36
F IN.
0.090
0.124
MM
2.29
3.15
G IN.
MM
H IN.
0.460
0.480
MM
11.68
12.19
J IN.
0.006
0.013
MM
0.15
0.33
K IN.
0.014
0.020
MM
0.36
0.51
0.050
BSC
1.27



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com