Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1721 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1721
Description  2-Wire Digital Thermometer and Thermostat
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1721 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1721 Datasheet HTML 8Page - Dallas Semiconductor DS1721 Datasheet HTML 9Page - Dallas Semiconductor DS1721 Datasheet HTML 10Page - Dallas Semiconductor DS1721 Datasheet HTML 11Page - Dallas Semiconductor DS1721 Datasheet HTML 12Page - Dallas Semiconductor DS1721 Datasheet HTML 13Page - Dallas Semiconductor DS1721 Datasheet HTML 14Page - Dallas Semiconductor DS1721 Datasheet HTML 15Page - Dallas Semiconductor DS1721 Datasheet HTML 16Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DS1721
13 of 16
SAMPLE COMMAND SEQUENCE Table 6
Example: Bus master programs the DS1721 for 11-bit conversions in the continuous mode with an active
low state for the thermostat output. It then programs TH=50°C and TL=45°C and starts temperature
conversions.
BUS MASTER
MODE
DS1721
MODE
DATA (MSB
FIRST)
COMMENTS
TX
RX
START
Bus Master initiates a START condition
TX
RX
<address, 0>
Bus Master sends DS1721 address; R/ W = 0
RX
TX
ACK
DS1721 generates acknowledge bit
TX
RX
ACh
Bus Master sends access configuration protocol
RX
TX
ACK
DS1721 generates acknowledge bit
TX
RX
08h
Bus Master programs configuration register as
described above. This will also clear thermostat
flags
RX
TX
ACK
DS1721 generates acknowledge bit
TX
RX
START
Bus Master Initiates a REPEATED START
condition
TX
RX
<address, 0>
Bus Master sends DS1721 address; R/ W = 0
RX
TX
ACK
DS1721 generates acknowledge bit
TX
RX
A1h
Bus Master sends access TH protocol
RX
TX
ACK
DS1721 generates acknowledge bit
TX
RX
32h
Bus Master writes MSB of TH (50°C)
RX
TX
ACK
DS1721 generates acknowledge bit
TX
RX
00h
Bus Master writes LSB of TH (50°C)
RX
TX
ACK
DS1721 generates acknowledge bit
TX
RX
START
Bus Master initiates a REPEATED START
condition
TX
RX
<address, 0>
Bus Master sends DS1721 address; R/ W = 0
RX
TX
ACK
DS1721 generates acknowledge bit
TX
RX
A2h
Bus Master sends access TL protocol
RX
TX
ACK
DS1721 generates acknowledge bit
TX
RX
2Dh
Bus Master writes MSB of TL (45°C)
RX
TX
ACK
DS1721 generates acknowledge bit
TX
RX
00h
Bus Master writes LSB of TL (45°C)
RX
TX
ACK
DS1721 generates acknowledge bit
TX
RX
START
Bus Master initiates a REPEATED START
condition
TX
RX
<address, 0>
Bus Master sends DS1721 address; R/ W = 0
RX
TX
ACK
DS1721 generates acknowledge bit
TX
RX
51h
Bus Master sends start convert protocol
RX
TX
ACK
DS1721 generates acknowledge bit
TX
RX
STOP
Bus Master initiates STOP condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com